Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85NPPR Datasheet(PDF) 85 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 85 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 81Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 82Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 83Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 84Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 85Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 86Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 87Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 88Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The LMKDB devices are a family of ultra-low additive jitter LP-HCSL clock buffers and clock MUX. The device
can be controlled through SMBus registers, Side Band Interface, and OE# pins.
10.2 Typical Application
This example shows PCIe and Ethernet clock distribution. Provide multiple copies of PCIe clocks (100MHz) or
Ethernet clocks (156.25MHz) based on the given source.
PCIe Clock Source #1
LMKDB family
PCIe Clock Buffer or MUX
SMBus
Control
OE#
Control
PCIe PHY
PCIe PHY
PCIe PHY
PCIe PHY
LP-HCSL
PCIe PHY
PCIe PHY
PCIe Device
Side-Band
Interface
Control Interface
PCIe Clock Source #2
MUX only, optional
Figure 10-1. Typical Application
10.2.1 Design Requirements
Find two buffers for PCIe clock fan-out and Ethernet clock fan-out separately. Jitter requirements must be met
and space must be minimized.
Table 10-1. Design Parameters
PARAMETER
VALUE
Number of PCIe clocks
15
Number of 156.25MHz Ethernet clocks
7
PCIe architecture
CC (Common Clock)
PCIe reference clock slew rate
≥3.5V/ns
PCIe Gen 5 reference clock jitter
45fs maximum
PCIe Gen 5 total jitter
50fs maximum
156.25MHz reference clock slew rate
≥3.5V/ns
156.25MHz reference clock jitter (12kHz to 20MHz)
90fs maximum
156.25MHz total jitter (12kHz to 20MHz)
100fs maximum
10.2.2 Detailed Design Procedure
First of all, calculate the jitter budget for the clock buffer using RMS addition. The maximum allowed additive
jitter for the clock buffer is square root of the difference between square of reference clock jitter and square of
total clock jitter.
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855F – NOVEMBER 2023 – REVISED NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com