Electronic Components Datasheet Search
  English  ▼

X  

LMKDB1120FS85NPPR Datasheet(PDF) 32 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 28Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 29Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 30Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 31Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 32Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 33Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 34Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 35Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 126 page
background image
7 Parameter Measurement Information
LMKDB
100-
LP-HCSL Driver
15 dB loss at 4 GHz
Differential PCB trace
ZDiff = 100
± 10%
High impedance
differential probe
2 pF
2 pF
Figure 7-1. PCIe AC Test Load
2 pF
2 pF
25.4 cm
Differential PCB trace, ZDiff = 85
High impedance
differential probe
LMKDB
85-
LP-HCSL Driver
Figure 7-2. DB2000QL AC Test Load
LMKDB
85-
LP-HCSL Driver
85
R1 = 47
0.75 V
R2 = 147
SMA
85
R1 = 47
0.75 V
R2 = 147
SMA
42.5
85
50
Figure 7-3. DB2000QL DC Test Load
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1112, LMKDB1120, LMKDB1120FS
SNAS855F – NOVEMBER 2023 – REVISED NOVEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1112 LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com