Electronic Components Datasheet Search
  English  ▼

X  

LM2611AMFX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2611AMFX
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMFX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2611AMFX Datasheet HTML 2Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 3Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 4Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 5Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 6Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 9Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Operation
Cuk Converter
The LM2611 is a current mode, fixed frequency PWM
switching regulator with a −1.23V reference that makes it
ideal for use in a Cuk converter. The Cuk converter inverts
the input and can step up or step down the absolute value.
Using inductors on both the input and output, the Cuk con-
verter produces very little input and output current ripple.
This is a significant advantage over other inverting topolo-
gies such as the buck-boost and flyback.
The operating states of the Cuk converter are shown in
Figure 1. During the first cycle, the transistor switch is closed
and the diode is open. L1 is charged by the source and L2 is
charged by C
CUK, while the output current is provided by L2.
In the second cycle, L1 charges C
CUK and L2 discharges
through the load. By applying the volt-second balance to
either of the inductors, the relationship of V
OUT to the duty
cycle (D) is found to be:
The following sections review the steady-state design of the
LM2611 Cuk converter.
Output and Input Inductor
Figure 2 and Figure 3 show the steady-state voltage and
current waveforms for L1 and L2, respectively. Referring to
Figure 1 (a), when the switch is closed, V
IN is applied across
L1. In the next cycle, the switch opens and the diode be-
comes forward biased, and V
OUT is applied across L1 (the
voltage across C
CUK is VIN −VOUT.
The voltage and current waveforms of inductor L2 are shown
in Figure 3. During the first cycle of operation, when the
switch is closed, V
IN is applied across L2. When the switch
opens, V
OUT is applied across L2.
20018105
FIGURE 1. Operating Cycles of a Cuk Converter
20018103
FIGURE 2. Voltage and Current Waveforms in Inductor
L1 of a Cuk Converter
20018104
FIGURE 3. Voltage and Current Waveforms in Inductor
L2 of a Cuk Converter
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com