Electronic Components Datasheet Search
  English  ▼

X  

LM2611AMFX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2611AMFX
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMFX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2611AMFX Datasheet HTML 1Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 2Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 3Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 4Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 5Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 6Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM2611
1.4MHz Cuk Converter
General Description
The LM2611 is a current mode, PWM inverting switching
regulator. Operating from a 2.7 - 14V supply, it is capable of
producing a regulated negative output voltage of up to −(36-
V
IN(MAX)). The LM2611 utilizes an input and output inductor,
which enables low voltage ripple and RMS current on both
the input and the output. With a switching frequency of
1.4MHz, the inductors and output capacitor can be physi-
cally small and low cost. High efficiency is achieved through
the use of a low R
DS(ON) FET.
The LM2611 features a shutdown pin, which can be acti-
vated when the part is not needed to lower the Iq and save
battery life. A negative feedback (NFB) pin provides a simple
method of setting the output voltage, using just two resistors.
Cycle-by-cycle current limiting and internal compensation
further simplify the use of the LM2611.
The LM2611 is available is a small SOT23-5 package. It
comes in two grades:
Grade A
Grade B
Current Limit
1.2A
0.9A
R
DS(ON)
0.5
Ω
0.7
Ω
Features
n
1.4MHz switching frequency
n
Low R
DS(ON) DMOS FET
n
1mVp-p output ripple
n
−5V at 300mA from 5V input
n
Better regulation than a charge pump
n
Uses tiny capacitors and inductors
n
Wide input range: 2.7V to 14V
n
Low shutdown current: <1uA
n
5-lead SOT-23 package
Applications
n
MR Head Bias
n
Digital camera CCD bias
n
LCD bias
n
GaAs FET bias
n
Positive to negative conversion
Typical Application Circuit
20018117
January 2005
© 2005 National Semiconductor Corporation
DS200181
www.national.com


Similar Part No. - LM2611AMFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611AMFX NSC-LM2611AMFX Datasheet
358Kb / 13P
1.4MHz Cuk Converter
logo
Texas Instruments
LM2611AMFX/NOPB TI1-LM2611AMFX/NOPB Datasheet
487Kb / 22P
Cuk Converter
LM2611AMFX/NOPB TI2-LM2611AMFX/NOPB Datasheet
785Kb / 29P
LM2611 1.4-MHz Cuk Converter
REVISED DECEMBER 2015
LM2611AMFX/NOPB.A TI2-LM2611AMFX/NOPB.A Datasheet
785Kb / 29P
LM2611 1.4-MHz Cuk Converter
REVISED DECEMBER 2015
LM2611AMFX/NOPB.B TI2-LM2611AMFX/NOPB.B Datasheet
785Kb / 29P
LM2611 1.4-MHz Cuk Converter
REVISED DECEMBER 2015
More results

Similar Description - LM2611AMFX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
1.4MHz Cuk Converter
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Taiwan Semiconductor Co...
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
1A / 1.4MHz Synchronous Buck Converter
logo
Monolithic Power System...
MP3209 MPS-MP3209 Datasheet
397Kb / 11P
1.4MHz, 350mA Boost Converter
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
1.4MHz Step-Down Converter
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
LM2611 1.4MHz Cuk Converter
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
Cuk Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com