Electronic Components Datasheet Search
  English  ▼

X  

LM2611AMFX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2611AMFX
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMFX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2611AMFX Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 9Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 10Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 11Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 12Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 13Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 14Page - National Semiconductor (TI) LM2611AMFX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Circuits (Continued)
High Duty Cycle/Load Current Operation
The circuit in Figure 16 is used for high duty cycles (D > 0.5)
and high load currents. The duty cycle will begin to increase
beyond 50% as the input voltage drops below the absolute
magnitude of the output voltage. R
FB3 and CFF2 are added to
the feedback network to introduce a low frequency lag com-
pensation (pole-zero pair) necessary to stabilize the circuit
under the combination of high duty cycle and high load
currents.
20018129
FIGURE 16. LM2611 High Current Schematic
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com