Electronic Components Datasheet Search
  English  ▼

X  

HS012Q Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS012Q
Description  1.25A Sensitive SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS012Q Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS012Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FIG.7: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
Tj(℃)
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
IGT
IL&IH
FIG.8:Test circuit for inductive and resistive loads to IEC-61000-4-5 standards.
AC
INPUT
Filtering Unit
IEC61000-4-5 Standards
Surge Generator
1.2/50μS voltage surge
8/20μS current surge
RGen
2Ω
Load Model
R
30Ω
L
53μH
RG
1kΩ
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com