Electronic Components Datasheet Search
  English  ▼

X  

HS012Q Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS012Q
Description  1.25A Sensitive SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS012Q Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS012Q Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HS012Q Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Peak gate power
PGM
2
W
Peak pulse voltage
(Tj=25℃; non-repetitive,off-state;FIG.8)
Vpp
1
kV
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Value
Unit
MIN.
TYP.
MAX.
IGT
VD=12V RL=33
Ω
-
50
200
μA
VGT
-
0.6
0.8
V
VGD
VD=VDRM Tj=110℃
0.2
-
-
V
IL
IG=1.2 IGT
-
-
4
mA
IH
IT=0.05A
-
-
3
mA
dV/dt
VD=800V Tj=110℃ RGK=1K
Ω
1000
-
-
V
/μs
VD=800V Tj=110℃ RGK=
220Ω
1500
-
-
ton
IG=10mA IA=20mA IR=2mA
Tj=25℃
-
2
-
μs
toff
-
50
-
μs
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX.)
Unit
VTM
IT=1.5A tp=380
μs
Tj=25℃
1.45
V
VTO
Threshold voltage
Tj=110℃
0.85
V
RD
Dynamic Resistance
Tj=110℃
0.16
Ω
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
μA
IRRM
Tj=110℃
0.15
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case (DC)
25
℃/W
Rth(j-a)
junction to ambient (DC)
130
℃/W
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com