Electronic Components Datasheet Search
  English  ▼

X  

HS16HC80F Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS16HC80F
Description  HS16HC80F 16A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS16HC80F Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS16HC80F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAIN FEATURES
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
℃
Operating junction temperature range
Tj
-40-150
℃
Repetitive peak off-state voltage (Tj=25℃)
VDRM
800
V
Repetitive peak reverse voltage (Tj=25℃)
VRRM
800
V
RMS on-state current (TC≤100℃)
IT(RMS)
16
A
Non repetitive surge peak on-state current
(full cycle , tp=20ms , Tj=25℃)
ITSM
160
A
Non repetitive surge peak on-state current
(full cycle , tp=16.6ms , Tj=25℃)
176
I2t value for fusing (tp=10ms , Tj=25℃)
I2t
128
A2s
Critical rate of rise of on-state current
(IG=2×IGT , f=100Hz , Tj=150℃)
dI/dt
100
A
/μs
Peak gate current (tp=20
μs , Tj=150℃)
IGM
4
A
Symbol
Value
Unit
IT(RMS)
16
A
VDRM /VRRM
800
V
IGTⅠ/Ⅱ/Ⅲ
35/35/35
mA
HS16HC80F
16A TRIAC
Rev.01
DESCRIPTION:
The HS16HC80F triac is suitable for general purpose AC
switching. It can be used as an ON/OFF function in
applications such as heating regulation, induction motor
starting circuits, for phase control operation in light dimmers,
motor speed controllers. Compared to traditional triacs,
T1635H-8F provides a very high switching capability up to
junction temperatures of 150°C. By using an external plastic
package, HS16HC80F provides a rated insulation voltage of
2000 VRMS,
Package TO-220F is RoHS compliant.
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page 1 of
4


Similar Part No. - HS16HC80F

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HS16HC80T HUIXIN-HS16HC80T Datasheet
822Kb / 4P
HS16HC80T 16A TRIAC
More results

Similar Description - HS16HC80F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56042 NTE-NTE56042 Datasheet
20Kb / 2P
TRIAC, 16A, Sensitive Gate
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
TRIAC, 16A
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
TRIAC, 16A, High Commutation
logo
Sanken electric
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
logo
NEC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
16A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
600V 16A TRIAC
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16FM-14LB RENESAS-BCR16FM-14LB_17 Datasheet
833Kb / 9P
700V - 16A - Triac
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
800V - 16A - Triac
Oct. 10, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com