Electronic Components Datasheet Search
  English  ▼

X  

HS16HC80F Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS16HC80F
Description  HS16HC80F 16A TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS16HC80F Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS16HC80F Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS16HC80F Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1 Maximum power dissipation versus RMS
on-state current
FIG.2: RMS on-state current versus case
temperature
0
5
10
15
20
25
30
0
5
10
15
20
P(W)
IT(RMS)(A)
100℃
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
IT(RMS)(A)
TC(℃)
FIG.3: Surge peak on-state current versus
number of cycles
FIG.4: On-state characteristics
0
30
60
90
120
150
180
1.E+0
1.E+1
1.E+2
1.E+3
1.E+4
1.E+5
ITSM(A)
Number of cycles
Tc=25℃,tp=20ms,one cycle,sine
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
ITM(A)
VTM(V)
Tj=25℃ typ
Tj=25℃ max
Tj=150℃ typ
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms, and
corresponding value of I2t (dI/dt<100
A/μs)
FIG.6: Relative variations of gate trigger
current, holding current and latching current
versus junction temperature
dI/dt
ITSM
I2t
1
10
100
1000
0.01
0.1
1
10
tp(ms)
ITSM(A), I2t(A2s)
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100 120 140 160
Tj(℃)
IGT,IH,IL(Tj)/IGT,IH,IL(Tj=25℃)
IGT(I/II)&IH
IGT(III)
IL
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
3 of4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com