Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3224 Datasheet HTML 1Page - National Semiconductor (TI) LM3224 Datasheet HTML 2Page - National Semiconductor (TI) LM3224 Datasheet HTML 3Page - National Semiconductor (TI) LM3224 Datasheet HTML 4Page - National Semiconductor (TI) LM3224 Datasheet HTML 5Page - National Semiconductor (TI) LM3224 Datasheet HTML 6Page - National Semiconductor (TI) LM3224 Datasheet HTML 7Page - National Semiconductor (TI) LM3224 Datasheet HTML 8Page - National Semiconductor (TI) LM3224 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Block Diagram
20097603
General Description
The LM3224 utilizes a PWM control scheme to regulate the
output voltage over all load conditions. The operation can
best be understood referring to the block diagram and Figure
1 of the Operation section. At the start of each cycle, the
oscillator sets the driver logic and turns on the NMOS power
device conducting current through the inductor, cycle 1 of
Figure 1 (a). During this cycle, the voltage at the V
C pin
controls the peak inductor current. The V
C voltage will in-
crease with larger loads and decrease with smaller. This
voltage is compared with the summation of the SW voltage
and the ramp compensation. The ramp compensation is
used in PWM architectures to eliminate the sub-harmonic
oscillations that occur during duty cycles greater than 50%.
Once the summation of the ramp compensation and switch
voltage equals the V
C voltage, the PWM comparator resets
the driver logic turning off the NMOS power device. The
inductor current then flows through the schottky diode to the
load and output capacitor, cycle 2 of Figure 1 (b). The NMOS
power device is then set by the oscillator at the end of the
period and current flows through the NMOS power device
once again.
The LM3224 has dedicated protection circuitry running dur-
ing normal operation to protect the IC. The Thermal Shut-
down circuitry turns off the NMOS power device when the
die temperature reaches excessive levels. The UVP com-
parator protects the NMOS power device during supply
power startup and shutdown to prevent operation at voltages
less than the minimum input voltage. The OVP comparator is
used to prevent the output voltage from rising at no loads
allowing full PWM operation over all load conditions. The
LM3224 also features a shutdown mode decreasing the
supply current to 0.1µA (typ.).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com