Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3224 Datasheet HTML 10Page - National Semiconductor (TI) LM3224 Datasheet HTML 11Page - National Semiconductor (TI) LM3224 Datasheet HTML 12Page - National Semiconductor (TI) LM3224 Datasheet HTML 13Page - National Semiconductor (TI) LM3224 Datasheet HTML 14Page - National Semiconductor (TI) LM3224 Datasheet HTML 15Page - National Semiconductor (TI) LM3224 Datasheet HTML 16Page - National Semiconductor (TI) LM3224 Datasheet HTML 17Page - National Semiconductor (TI) LM3224 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Information (Continued)
The LM3224 can be configured to drive high current white
LEDs for the flash and torch functions of a digital camera,
camera phone, or any other similar light source. The flash/
torch can be set up with the circuit in Figure 4 by using the
resistor R
SET to determine the amount of current that will
flow through the LED using the equation:
I
LED =VFB/RSET
If the flash and torch modes will both be used the resistor
R
SET can be chosen for the higher current flash value. To
flash the circuit pull the SHDN high for the time duration
needed for the flash. To enable a lower current torch mode a
PWM signal can be applied to the SHDN pin. The torch
current would then be approximately the percent ON time of
the PWM signal multiplied by the flash (or maximum) cur-
rent. The optional disconnect FET can be used to eliminate
leakage current through the LEDs when the part is off and
also to disconnect the LED when the input voltage exceeds
the forward voltage drop of the LED. The maximum output
current the LM3224 can supply in this configuration is shown
in Table 1.
Figure 5 is another method of driving a high current white
LED. This circuit has a higher component count but allows
the switcher to remain on continuously for torch mode reduc-
ing stress on the supply. The two FETs also double for a
disconnect function as described above. In this circuit the
device and the torch enable FET are turned on setting a
lower current through the LED. When flash is needed the
flash enable FET is turned on to increase the current for the
amount of time desired. The minimum guaranteed maximum
output current for this circuit is the same as for Figure 4.
TABLE 1. Maximum LED Drive current
(F
SW=1.25MHz, L=4.7µH, LED VFMAX=4V (VOUT=5.26V)
V
IN
LED Drive Current (mA)
4.2
1077
4.1
1047
4.0
1017
3.9
987
3.8
958
3.7
929
3.6
900
3.5
871
3.4
842
3.3
814
3.2
785
3.1
757
3.0
729
2.9
701
2.8
673
2.7
646
Some Recommended Inductors (Others May Be Used)
Manufacturer
Inductor
Contact Information
Coilcraft
DO3316 and DT3316 series
www.coilcraft.com
800-3222645
TDK
SLF10145 series
www.component.tdk.com
847-803-6100
Pulse
P0751 and P0762 series
www.pulseeng.com
Sumida
CDRH8D28 and CDRH8D43 series
www.sumida.com
Some Recommended Input And Output Capacitors (Others May Be Used)
Manufacturer
Capacitor
Contact Information
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
407-324-4140
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
408-573-4150
Cornell Dubilier
ESRD seriec Polymer Aluminum Electrolytic
SPV and AFK series V-chip series
www.cde.com
MuRata
High capacitance MLCC ceramic
www.murata.com
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com