Electronic Components Datasheet Search
  English  ▼

X  

LM3224 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3224
Description  615kHz/1.25MHz Step-up PWM DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3224 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3224 Datasheet HTML 8Page - National Semiconductor (TI) LM3224 Datasheet HTML 9Page - National Semiconductor (TI) LM3224 Datasheet HTML 10Page - National Semiconductor (TI) LM3224 Datasheet HTML 11Page - National Semiconductor (TI) LM3224 Datasheet HTML 12Page - National Semiconductor (TI) LM3224 Datasheet HTML 13Page - National Semiconductor (TI) LM3224 Datasheet HTML 14Page - National Semiconductor (TI) LM3224 Datasheet HTML 15Page - National Semiconductor (TI) LM3224 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Operation (Continued)
where R
O is the output impedance of the error amplifier,
approximately 900k
Ω. Since R
C is generally much less than
R
O, it does not have much effect on the above equation and
can be neglected until a value is chosen to set the zero f
ZC.
f
ZC is created to cancel out the pole created by the output
capacitor, f
P1. The output capacitor pole will shift with differ-
ent load currents as shown by the equation, so setting the
zero is not exact. Determine the range of f
P1 over the ex-
pected loads and then set the zero f
ZC to a point approxi-
mately in the middle. The frequency of this zero is deter-
mined by:
Now R
C can be chosen with the selected value for CC.
Check to make sure that the pole f
PC is still in the 10Hz to
500Hz range, change each value slightly if needed to ensure
both component values are in the recommended range.
HIGH OUTPUT CAPACITOR ESR COMPENSATION
When using an output capacitor with a high ESR value, or
just to improve the overall phase margin of the control loop,
another pole may be introduced to cancel the zero created
by the ESR. This is accomplished by adding another capaci-
tor, C
C2, directly from the compensation pin VC to ground, in
parallel with the series combination of R
C and CC. The pole
should be placed at the same frequency as f
Z1, the ESR
zero. The equation for this pole follows:
To ensure this equation is valid, and that C
C2 can be used
without negatively impacting the effects of R
C and CC,fPC2
must be greater than 10f
ZC.
CHECKING THE DESIGN
With all the poles and zeros calculated the crossover fre-
quency can be checked as described in the section DC Gain
and Open-loop Gain. The compensation values can be
changed a little more to optimize performance if desired.
This is best done in the lab on a bench, checking the load
step response with different values until the ringing and
overshoot on the output voltage at the edge of the load steps
is minimal. This should produce a stable, high performance
circuit. For improved transient response, higher values of R
C
should be chosen. This will improve the overall bandwidth
which makes the regulator respond more quickly to tran-
sients. If more detail is required, or the most optimum per-
formance is desired, refer to a more in depth discussion of
compensating current mode DC/DC switching regulators.
POWER DISSIPATION
The output power of the LM3224 is limited by its maximum
power dissipation. The maximum power dissipation is deter-
mined by the formula
P
D =(Tjmax -TA)/
θ
JA
where T
jmax is the maximum specidfied junction temperature
(125˚C), T
A is the ambient temperature, and
θ
JA is the ther-
mal resistance of the package.
LAYOUT CONSIDERATIONS
The input bypass capacitor C
IN, as shown in the typical
operating circuit, must be placed close to the IC. This will
reduce copper trace resistance which effects input voltage
ripple of the IC. For additional input voltage filtering, a 100nF
bypass capacitor can be placed in parallel with C
IN, close to
the V
IN pin, to shunt any high frequency noise to ground. The
output capacitor, C
OUT, should also be placed close to the
IC. Any copper trace connections for the C
OUT capacitor can
increase the series resistance, which directly effects output
voltage ripple. The feedback network, resistors R
FB1 and
R
FB2, should be kept close to the FB pin, and away from the
inductor, to minimize copper trace connections that can in-
ject noise into the system. Trace connections made to the
inductor and schottky diode should be minimized to reduce
power dissipation and increase overall efficiency. For more
detail on switching power supply layout considerations see
Application Note AN-1149: Layout Guidelines for Switching
Power Supplies.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com