Electronic Components Datasheet Search
  English  ▼

X  

CPC1335P Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1335P
Description  350V, 100mA, Single-Pole, Normally Open Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1335P Datasheet(HTML) 2 Page - Littelfuse

  CPC1335P Datasheet HTML 1Page - Littelfuse CPC1335P Datasheet HTML 2Page - Littelfuse CPC1335P Datasheet HTML 3Page - Littelfuse CPC1335P Datasheet HTML 4Page - Littelfuse CPC1335P Datasheet HTML 5Page - Littelfuse CPC1335P Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.littelfuse.com
2
R11
CPC1335
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage
I
L=1AVDRM
350
-
-
V
P
Load Current
Continuous 1
I
F=2mA
I
L
-
-
100
mA
rms / mADC
Peak
t=10ms
I
LPK
-
-
±350
mA
On-Resistance 2
I
L=100mA
R
ON
-25
35
Off-State Leakage Current
V
L=350VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=2mA, VL=10V
(See Timing Diagram)
t
on
--
10
ms
Turn-Off
t
off
--
10
Output Capacitance
I
F=0V, VL=50V, f=1MHz
C
OUT
-40
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=100mA
I
F
--
1
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.36
1.5
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
-3
-
pF
1 Load current derates linearly from 100mA @ 25ºC to 70ma @ 85ºC
2 Measurement taken within 1 second of on-time
3 For applications requiring high temperature operation (greater than 60ºC) a minimum LED drive current of 3mA is recommended.
Electrical Characteristics: TVS
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Clamping Voltage
I
PP=9.3A
V
C
-
-
66.5
V
Reverse Breakdown Voltage
I=1mA
V
BR
44.4
-
-
V
Reverse Leakage Current
V
RWM=40.2V
I
L
--
5
A
Parameter
Ratings
Units
SSR Output Blocking Voltage
350
V
P
TVS Working Voltage, Maximum (V
RWM)
40.2
V
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
SSR Output Power Dissipation 2
400
mW
TVS Peak Pulse Power (P
PP)
(I
PP=9.3A, 10/1000s pulse)
600
W
Isolation Voltage, Input to Output
3750
V
rms
Operating Temperature, Ambient
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate output power linearly 6.67 mW / ºC
Timing Diagram
10%
90%
toff
ton
0 mA
IL
IF 0mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com