Electronic Components Datasheet Search
  English  ▼

X  

CPC1335P Datasheet(PDF) 1 Page - Littelfuse

Part # CPC1335P
Description  350V, 100mA, Single-Pole, Normally Open Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1335P Datasheet(HTML) 1 Page - Littelfuse

  CPC1335P Datasheet HTML 1Page - Littelfuse CPC1335P Datasheet HTML 2Page - Littelfuse CPC1335P Datasheet HTML 3Page - Littelfuse CPC1335P Datasheet HTML 4Page - Littelfuse CPC1335P Datasheet HTML 5Page - Littelfuse CPC1335P Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.littelfuse.com
DS-CPC1335-R11
1
CPC1335
350V, 100mA, Single-Pole, Normally Open Relay
with Bidirectional Transient Protection
Part #
Description
CPC1335P
8-Pin SOIC (Flatpack) (50/Tube)
CPC1335PTR
8-Pin SOIC (Flatpack) (1000/Reel)
Parameters
Ratings
Units
Load Voltage, AC/DC
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
LED Current to Operate
1
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Meets Requirements of EN50130-4
(Installation Class 3)
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements
• Greater Reliability than Electromechanical Relays
• No EMI/RFI Generation
Switching Characteristics
of Normally Open Devices
Peak Pulse Power
V
RWM
600W
40.2V
Transient Protection Characteristics
• Security
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Industrial Controls
The CPC1335P is a single-pole, normally open
(1-Form-A) solid state relay with bi-directional
transient voltage suppressor (TVS) relay protection
designed to meet the requirements of EN50130-4
(installation class 3).
The relay output is constructed with efficient
MOSFET switches that use Littelfuse IXYS Integrated
Circuits' patented OptoMOS architecture. The input,
a highly efficient infrared LED, controls the optically
coupled output.
The CPC1335P is available in a space-saving 8-pin
SOIC package.
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control
– Control
TVS +/-
TVS -/+
Load
Load
• UL Recognized Component: File E76270
• EN 62368-1: TUV Certificate # B 082667 0008


Similar Part No. - CPC1335P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1335P CLARE-CPC1335P Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
CPC1335PTR CLARE-CPC1335PTR Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
More results

Similar Description - CPC1335P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
CPC1030N IXYS-CPC1030N Datasheet
176Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1035N IXYS-CPC1035N Datasheet
136Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com