Electronic Components Datasheet Search
  English  ▼

X  

CPC1335P Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1335P
Description  350V, 100mA, Single-Pole, Normally Open Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1335P Datasheet(HTML) 3 Page - Littelfuse

  CPC1335P Datasheet HTML 1Page - Littelfuse CPC1335P Datasheet HTML 2Page - Littelfuse CPC1335P Datasheet HTML 3Page - Littelfuse CPC1335P Datasheet HTML 4Page - Littelfuse CPC1335P Datasheet HTML 5Page - Littelfuse CPC1335P Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1335
www.littelfuse.com
3
R11
LED Forward Voltage Drop (V)
1.364
1.366
1.368
1.370
1.372
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N = 50, I
F = 5mA)
0.50
0.70
0.90
1.10
0.60
0.80
1.00
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N = 50, I
F = 5mA, IL = 100mA)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N = 50, I
F = 5mA, IL = 100mA)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N = 50, I
L = 100mA)
35
30
25
20
15
10
5
0
26
28
30
32
27
29
31
Typical On-Resistance Distribution
(N = 50, I
L = 120mA)
On-Resistance ( )
35
30
25
20
15
10
5
0
377
399
421
443
388
410
432
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N = 50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.12
0.16
0.20
0.24
0.28
Typical LED Current to Operate
vs. Ambient Temperature
(I
L = 70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Ambient Temperature
(V
L = 10V)
I
F = 1mA
I
F = 2mA
I
F = 5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Typical Turn-Off Time
vs. Ambient Temperature
(V
L = 10V)
I
F = 1mA
I
F = 5mA
I
F = 2mA
Temperature (ºC)
-50
-25
0
25
50
75
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Typical LED Forward Voltage Drop
vs. Ambient Temperature
I
F = 10mA
I
F = 5mA
I
F = 2mA
LED Forward Current (mA)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Turn-On Time
vs. LED Forward Current
LED Forward Current (mA)
0
1020
304050
462
464
466
468
470
472
474
476
Typical Turn-Off Time
vs. LED Forward Current
PERFORMANCE DATA*
*U nless otherwise noted, data presented in these graphs is typical of device operation at T
A = 25ºC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com