Electronic Components Datasheet Search
  English  ▼

X  

LM3661 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3661
Description  450mA Subminiature, Micropower Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3661 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3661 Datasheet HTML 4Page - National Semiconductor (TI) LM3661 Datasheet HTML 5Page - National Semiconductor (TI) LM3661 Datasheet HTML 6Page - National Semiconductor (TI) LM3661 Datasheet HTML 7Page - National Semiconductor (TI) LM3661 Datasheet HTML 8Page - National Semiconductor (TI) LM3661 Datasheet HTML 9Page - National Semiconductor (TI) LM3661 Datasheet HTML 10Page - National Semiconductor (TI) LM3661 Datasheet HTML 11Page - National Semiconductor (TI) LM3661 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Typical Performance Characteristics (Circuit in Fig.2, PV
IN =VDD = EN=3.6V, TA = 25˚C, unless
otherwise noted) (Continued)
Output Voltage vs. Supply Voltage
(PWM MODE, I
SEL =L,VOUT = 1.05V)
Output Voltage vs. Supply Voltage
(PWM MODE, I
SEL =L,VOUT = 1.35V)
20098818
20098819
Output Voltage vs. Supply Voltage
(LDO MODE, V
OUT = 1.05V)
Output Voltage vs. Supply Voltage
(LDO MODE, V
OUT = 1.35V )
20098848
20098849
Switching Frequency vs. Temperature
(PWM MODE, SYNC/MODE = V
IN)
Efficiency vs. Output Current
(SYNC/MODE = V
IN,VOUT = 1.05V)
20098821
20098822
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com