Electronic Components Datasheet Search
  English  ▼

X  

LM3661 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3661
Description  450mA Subminiature, Micropower Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3661 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3661 Datasheet HTML 1Page - National Semiconductor (TI) LM3661 Datasheet HTML 2Page - National Semiconductor (TI) LM3661 Datasheet HTML 3Page - National Semiconductor (TI) LM3661 Datasheet HTML 4Page - National Semiconductor (TI) LM3661 Datasheet HTML 5Page - National Semiconductor (TI) LM3661 Datasheet HTML 6Page - National Semiconductor (TI) LM3661 Datasheet HTML 7Page - National Semiconductor (TI) LM3661 Datasheet HTML 8Page - National Semiconductor (TI) LM3661 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM3661
450mA Subminiature, Micropower Step-Down DC-DC
Converter for Ultra Low-Voltage Circuits
General Description
The LM3661 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Lithium-Ion
cell. The device provides two pin-selectable output voltages.
See ordering information for a list of voltage options avail-
able . This allows adjustment for DSP or CPU voltage op-
tions, as well as dynamic output voltage switching for re-
duced
power
consumption.
Internal
synchronous
rectification provides high efficiency (92% typ. at 1.35V
OUT).
The LM3661 offers superior features and performance for
mobile phones and similar portable applications. Pin-
selectable PWM and Linear modes provide improved system
control for maximizing battery life. During full-load, fixed
frequency PWM operation reduces interference in RF and
data acquisition applications by minimizing noise harmonics
at sensitive IF and sampling frequencies. The SYNC/MODE
input allows synchronization of the switching frequency in a
range of below 500 kHz to 750 kHz to prevent noise from
intermodulation with system frequencies. Linear operation
reduces quiescent current to 29 µA (typ.) during system
standby for extended battery life, while supplying up to
15 mA. Shutdown turns the device off and reduces battery
consumption to 0.5 µA (typ.). This device offers a selectable
over Current Limit to protect a variety of inductors.
The LM3661 is available in a 10 pin micro SMD package.
This packaging uses National’s chip-scale micro SMD tech-
nology and offers the smallest possible size. A high (600
kHz) switching frequency allows use of tiny surface-mount
components; only three are required — an inductor and two
ceramic capacitors.
Features
n
Operates from a single Li-ION cell
n
Pin selectable output voltages
n
Pin selectable Inductor Current Limit
n ±
3% output voltage precision in PWM mode
n
Miniature 10-pin micro SMD package
n
Only three tiny surface-mount external components
required
n
Uses small ceramic capacitors
n
8 mV typ. PWM output voltage ripple
n
Internal synchronous rectification for high efficiency
(92% at 2.7 V
IN, 1.35 VOUT)
n
29 µA typ. quiescent current (Linear mode)
n
0.5 µA typ. shutdown current
n
SYNC/MODE input for frequency synchronization from
500 kHz to 750 kHz
n
Current and Thermal overload protection
n
High gain control loop with internal compensation
n
Up to 450mA I
OUT capability for LM3661-1.35/1.4
n
Up to TBDmA I
OUT capability for LM3661-1.25
Applications
n
Mobile phones
n
Hand-Held radios
n
Personal Digital Assistants
n
Palm-top PC’s and Pocket PC’s
n
Portable Instruments
n
Battery Powered Device
Typical Application Circuit
20098802
May 2005
© 2005 National Semiconductor Corporation
DS200988
www.national.com


Similar Part No. - LM3661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3661 NSC-LM3661 Datasheet
154Kb / 6P
LM3361A Low Voltage/Power Narrow Band FM IF System
LM3661AM NSC-LM3661AM Datasheet
154Kb / 6P
LM3361A Low Voltage/Power Narrow Band FM IF System
More results

Similar Description - LM3661

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com