Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2B□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (October 2020, Rev. 06)
2
Specifications
Model Number
PMT-12V150W2B
☐☐
PMT-15V150W2B
☐☐
PMT-24V150W2B
☐☐
PMT-30V150W2B
☐☐
PMT-36V150W2B
☐☐
PMT-48V150W2B
☐☐
Input Ratings / Characteristics
Nominal Input Voltage
100-120Vac, 200-240Vac (Selectable by Switch)
Input Voltage Range
90-132Vac, 180-264Vac (Selectable by Switch)
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
3A typ. @ 115Vac, 1.7A typ. @ 230Vac
Efficiency at 100% Load @
230Vac
87.5% typ.
88% typ.
89% typ.
89% typ.
89.5% typ.
91% typ.
No Load Power
Consumption
< 0.5W @ 230Vac
Max Inrush Current (Cold
Start)
60A typ. @ 230Vac
Leakage Current
< 0.5mA @ 240Vac/50Hz
Output Ratings / Characteristics*2
Nominal Output Voltage
12Vdc
15Vdc
24Vdc
30Vdc
36Vdc
48Vdc
Factory Set Point
T l
12Vdc ± 1%
15Vdc ± 1%
24Vdc ± 1%
30Vdc ± 1%
36Vdc ± 1%
48Vdc ± 1%
Output Voltage Adjustment
Range
10.8-13.2Vdc
13.5-16.5Vdc
21.6-26.4Vdc
27.0-33.0Vdc
32.4-39.6Vdc
43.2-52.8Vdc
Output Current
12.5A
10.00A
6.25A
5.00A
4.30A
3.30A
Output Power
150W Max.
150W Max.
150W Max.
150W Max.
154.8W Max.
158.4W Max.
Line Regulation
± 0.5% typ. @ 100-132Vac, 180-264Vac (Selectable by Switch)
Load Regulation
± 0.5% typ. @ 100-132Vac, 180-264Vac (Selectable by Switch)
PARD*3 (20MHz)
< 150mVpp @ 0°C to 70°C,
450mVpp typ. @ -30°C to 0°C
< 200mVpp @ 0°C to 70°C,
600mVpp typ. @ -30°C to 0°C
Rise Time
30ms typ. @ 115Vac & 230Vac
Start-up Time
500ms typ. @ 115Vac & 230Vac
Hold-up Time
30ms typ. @ 115Vac & 230Vac
Dynamic Response
(Overshoot & Undershoot
O/P Voltage)
± 10% @ 115 & 230Vac input, 10-100% load (Slew Rate: 2.5A/μS, 50% duty cycle @ 5Hz & 10KHz)
Start-up with Capacitive
Loads
8,000µF Max
8,000µF Max
8,000µF Max
6,000µF Max
3,000µF Max
2,000µF Max
*2 : For power de-rating from > 50°C to 70°C, see power de-rating on page 3.
*3 : PARD is measured with an AC coupling mode, and in parallel to end terminal with 0.1µF ceramic capacitor & 47µF electrolytic capacitor
. PSU need to burn in > 5 minutes
when AMB ≤ 0℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com