Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2B□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (October 2020, Rev. 06)
3
Mechanical
Case Chassis
Aluminum
Case Cover
SGCC
Dimensions (L x W x H)
159 x 97 x 30 mm (6.26 x 3.82 x 1.18 inch)
Unit Weight
0.354 kg (0.78 lb)
Indicator
Green LED (DC OK)
Cooling System
Convection
Terminal
M3.5 x 7 Pins (Rated 300V/20A)
Wire
AWG 18-12
Current rating can refer to page 6 “Wire AWG Table”
Noise (1 Meter from power supply)
Sound Pressure Level (SPL) < 25dBA
Environment
Surrounding Air Temperature
Operating -30°C to +70°C ( -40°C Cold Start )
Storage -40°C to +85°C
Power De-rating
> 50°C de-rate power by 2% / °C
< -25°C de-rate power by 4% / °C @ 100Vac
< 100Vac de-rate power by 1.33% / V
(86.67% load @ 90Vac)
Operating Humidity
20 to 90% RH (Non-Condensing)
Operating Altitude
0 to 5,000 Meters (0 to 16,400 ft)
Shock Test
Non-Operating IEC 60068-2-27, Half Sine Wave: 50G for a duration of 11ms, 3 shocks for
each 3 directions
Operating IEC 60068-2-27, Half Sine Wave: 10G for a duration of 11ms, 3 shock for
each 3 directions.
Vibration
Non-Operating IEC 60068-2-6, Random: 5Hz to 500Hz (2.09G);
20 min per axis for all X, Y, Z direction
Operating IEC 60068-2-6, Sine Wave: 20Hz to 500Hz (5G);
10min per cycle, 60min for each axis (X, Y,Z)
Over Voltage Category
II (Compliance to EN 62477-1 OVC III with 2000 meters altitude)
Pollution Degree
3
Protections
Overvoltage
13.2V-17.4V
SELV Output,
Latch Mode
16.5V-21.0V
SELV Output,
Latch Mode
26.4-33.6V
SELV Output,
Latch Mode
33.0V-40.5V
SELV Output,
Latch Mode
39.6V-48.6V
SELV Output,
Latch Mode
52.8V-64.8V
SELV Output,
Latch Mode
Overload / Overcurrent
110-175% of rated load current, Hiccup Mode, Non-Latching (Auto-Recovery)
Over Temperature
Latch Mode
Short Circuit
Hiccup Mode, Non-Latching
(Auto-Recovery when the fault is removed)
Protection Against Shock
Class I with PE*4 connection
*4 : PE: Protection Earth



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com