Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMT2 Panel Mount Power Supply
PMT2 150W series / PMT-□V150W2B□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (October 2020, Rev. 06)
4
Reliability Data
MTBF
> 700,000 hrs as per Telcordia SR-332
I/P: 230Vac, O/P: 100% Load, Ta: 25°C)
Expected Cap Life Time
10 years (230Vac, 50% load @ 40°C)
Safety Standards / Directives
Safety Entry Low Voltage
SELV
Electrical Safety
TUV Bauart
cTUVus
CB scheme
CCC
KC
EAC
EN 62368-1, EN60335-1, EN 61558-1/-2-16
UL 62368-1, and CAN/CSA C22.2 No. 62368-1
IEC 62368-1, IEC 60950-1, IEC 60335-1, IEC 61558-1/-2-16
GB4943
K 60950-1
TP TC 004/2011
CE
In conformance with EMC Directive 2014/30/EU and Low Voltage Directive
2014/35/EU
Galvanic Isolation
Input to Output 4.0KVac
Input to Ground 2.0KVac
Output to Ground 1.25KVac
EMC
Emissions (CE & RE)
CISPR 32, EN 55032, EN 61000-6-4, KN32, AS/NZS CISPR32
Compliance to EN55014-1, FCC Title 47, EN 61000-6-3 : Class B
Immunity
EN 55035, KN35, EN 61000-6-2
Compliance to EN55014-2,EN 61000-6-1
Electrostatic Discharge
IEC 61000-4-2 Level 4 Criteria A1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3 Level 3 Criteria A1)
80MHz-1GHz, 10V/M with 1kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC 61000-4-4 Level 3 Criteria A1)
2kV
Surge
IEC 61000-4-5 Level 4 Criteria A1)
Common Mode4): 4kV
Differential Mode5): 2kV
Conducted
IEC 61000-4-6 Level 3 Criteria A1)
150kHz-80MHz, 10Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8 Level 4 Criteria A1)
30A/Meter
Voltage Dips and Interruptions
IEC 61000-4-11 0% residual; 1 cycle, Criteria B
40% residual; 10 cycle, Criteria C3)
70% residual; 25 cycle, Criteria C3)
Harmonic Current Emission
IEC/EN 61000-3-2 Class A
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Output out of regulation, or shuts down during test. Automatically restored to normal operation after test.
3) Criteria C: Output out of regulation, shuts down during test (Need to recycle AC power cord to normal operation after test)
4) Asymmetrical: Common mode (Line to earth)
5) Symmetrical: Differential mode (Line to line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com