Electronic Components Datasheet Search
  English  ▼

X  

FS2101 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # FS2101
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2101 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button FS2101 Datasheet HTML 11Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 12Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 13Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 14Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 15Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 16Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 17Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 18Page - Agilent(Hewlett-Packard) FS2101 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
15
The card edge connector of the PCI Active Analysis Probe
module can accommodate one 32 or 64 bit 5V OR 3V PCI add in
card.
The extender card connector is either a 3V or 5V
connector depending on how the board was ordered and
configured at the factory.
Simply align the module with the connector and gently push the
module in until it is seated in the connector. There is sufficient
clearance for the add-in card front plate. The PCI Active Analysis
Probe/PCI add-in card combination can then be installed in any
slot of the PCI Local bus. For mechanical stability the PCI Active
Analysis Probe front plate should be secured to the PCI target
system chassis.
When removing the PCI add-in card from the card edge extender
connector grasp the PCI Active Analysis Probe with one hand
and the PCI add-in card with the other. Gently rock the PCI add-
in card until it is free from the connector.
The nature of an extender card is that it extends the etch length
of the bus. Due to the sensitivity of most PCI designs, extending
the etch length can interfere with the PCI add-in card operation.
Operation of the PCI add-in card when installed in the card edge
extender connector is not guaranteed.
Please check your
system design if you experience failures due to poor signal
fidelity.
The etch from the PCI local bus is routed directly from the PCI
local bus to the extender card connector. Although the etch is
connected to the input of the PCI Active Analysis Probe input
buffers, the extender card connector is NOT buffered from the
PCI local bus.
Please Note: If the Analysis Probe is plugged into the PCI
bus and the logic analyzer is not powered up, the input
buffers on the Analysis Probe will create a low impedance
path to ground thus inhibiting the PCI local bus and any
card in the extender card connector from working.
The PCI bus is extended up from the gold fingers to the input of
the IDT162260 buffers. From the buffer input the etch goes
directly to the extender card connector. The buffer input provides
a clamping diode. The etch is extended approximately 5 inches
from the gold fingers and is on the inner most layer of the board.
There are no via’s on this inner layer in order to give this etch a
direct route.
One issue that has been encountered with using the extender
card connector is that the buffers need power in order to provide
a high impedance to the signal. This means that the logic
analyzer must be attached to the Analysis Probe and powered
up. The PCI Active Analysis Probe module itself is a universal
card. It can operate in either a 5V or 3V PCI system.
How to install a PCI
add-in card into the
extender card
connector
Operation of the PCI
add-in card
The Extender Card
Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com