Electronic Components Datasheet Search
  English  ▼

X  

MAX4411 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4411
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4411 Datasheet(HTML) 4 Page - Analog Devices

  MAX4411 Datasheet HTML 1Page - Analog Devices MAX4411 Datasheet HTML 2Page - Analog Devices MAX4411 Datasheet HTML 3Page - Analog Devices MAX4411 Datasheet HTML 4Page - Analog Devices MAX4411 Datasheet HTML 5Page - Analog Devices MAX4411 Datasheet HTML 6Page - Analog Devices MAX4411 Datasheet HTML 7Page - Analog Devices MAX4411 Datasheet HTML 8Page - Analog Devices MAX4411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
4
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
POUT = 5mW
POUT = 10mW
POUT = 20mW
VDD = 1.8V
RL = 32
Ω
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
150
100
50
0.01
0.1
1
10
100
0.001
0
200
VDD = 3V
RL = 16
Ω
fIN = 20Hz
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
150
100
50
0.01
0.1
1
10
100
0.001
0200
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 3V
RL = 16
Ω
fIN = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
150
100
50
0.01
0.1
1
10
100
0.001
0200
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 3V
RL = 16
Ω
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
100
75
50
25
0.01
0.1
1
10
100
0.001
0
125
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 3V
RL = 32
Ω
fIN = 20Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
100
75
50
25
0.01
0.1
1
10
100
0.001
0125
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 3V
RL = 32
Ω
fIN = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
100
75
50
25
0.01
0.1
1
10
100
0.001
0
125
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 3V
RL = 32
Ω
fIN = 10kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
20
10
0.01
0.1
1
10
100
0.001
060
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 16
Ω
fIN = 20Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
50
40
30
20
10
0.01
0.1
1
10
100
0.001
060
OUTPUTS IN
PHASE
OUTPUTS 180
°
OUT OF PHASE
ONE CHANNEL
DRIVEN
VDD = 1.8V
RL = 16
Ω
fIN = 1kHz
Typical Operating Characteristics (continued)
(C1 = C2 = 2.2µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com