Electronic Components Datasheet Search
  English  ▼

X  

MAX4411 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4411
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4411 Datasheet(HTML) 2 Page - Analog Devices

  MAX4411 Datasheet HTML 1Page - Analog Devices MAX4411 Datasheet HTML 2Page - Analog Devices MAX4411 Datasheet HTML 3Page - Analog Devices MAX4411 Datasheet HTML 4Page - Analog Devices MAX4411 Datasheet HTML 5Page - Analog Devices MAX4411 Datasheet HTML 6Page - Analog Devices MAX4411 Datasheet HTML 7Page - Analog Devices MAX4411 Datasheet HTML 8Page - Analog Devices MAX4411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(PVDD = SVDD = 3V, PGND = SGND = 0V, SHDNL = SHDNR = SVDD, C1 = C2 = 2.2µF, CIN = 1µF, RL =
∞, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PGND to SGND .....................................................-0.3V to +0.3V
PVDD to SVDD .................................................................-0.3V to +0.3V
PVSS to SVSS .........................................................-0.3V to +0.3V
PVDD and SVDD to PGND or SGND .........................-0.3V to +4V
PVSS and SVSS to PGND or SGND ..........................-4V to +0.3V
IN_ to SGND ................................(SVSS - 0.3V) to (SVDD + 0.3V)
SHDN_ to SGND........................(SGND - 0.3V) to (SVDD + 0.3V)
OUT_ to SGND .............................(SVSS - 0.3V) to (SVDD +0.3V)
C1P to PGND.............................(PGND - 0.3V) to (PVDD + 0.3V)
C1N to PGND .............................(PVSS - 0.3V) to (PGND + 0.3V)
Output Short Circuit to GND or VDD...........................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Bump UCSP (derate 7.4mW/°C above +70°C)........589mW
20-Pin Thin QFN (derate 16.9mW/°C above +70°C) ..1349mW
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Reflow ..........................................................................+230°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
1.8
3.6
V
One channel enabled
3.2
Quiescent Supply Current
IDD
Two channels enabled
5
8.4
mA
Shutdown Supply Current
ISHDN
SHDNL = SHDNR = GND
6
10
µA
VIH
0.7 x
SVDD
SHDN_ Thresholds
VIL
0.3 x
SVDD
V
SHDN_ Input Leakage Current
-1
+1
µA
SHDN_ to Full Operation
tSON
175
µs
CHARGE PUMP
Oscillator Frequency
fOSC
272
320
368
kHz
AMPLIFIERS
MAX4411
-1.55
-1.5
-1.45
Voltage Gain
AV
MAX4411B
-2.1
-2
-1.9
V/V
Gain Match
ΔAV
1%
MAX4411
0.7
2.8
Total Output Offset Voltage
VOS
Input AC-coupled
MAX4411B
0.75
3.0
mV
Input Resistance
RIN
10
14
19
k
Ω
1.8V
≤ VDD ≤ 3.6V,
MAX4411
DC (Note 2)
72
86
fRIPPLE = 217Hz
86
fRIPPLE = 1kHz
75
Power-Supply Rejection Ratio
PSRR
VDD = 3.0V, 200mVP-P
ripple, MAX4411
(Note 3)
fRIPPLE = 20kHz
53
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com