Electronic Components Datasheet Search
  English  ▼

X  

MAX4411 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4411
Description  80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4411 Datasheet(HTML) 3 Page - Analog Devices

  MAX4411 Datasheet HTML 1Page - Analog Devices MAX4411 Datasheet HTML 2Page - Analog Devices MAX4411 Datasheet HTML 3Page - Analog Devices MAX4411 Datasheet HTML 4Page - Analog Devices MAX4411 Datasheet HTML 5Page - Analog Devices MAX4411 Datasheet HTML 6Page - Analog Devices MAX4411 Datasheet HTML 7Page - Analog Devices MAX4411 Datasheet HTML 8Page - Analog Devices MAX4411 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
80mW, Fixed-Gain, DirectDrive, Stereo
Headphone Amplifier with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(PVDD = SVDD = 3V, PGND = SGND = 0V, SHDNL = SHDNR = SVDD, C1 = C2 = 2.2µF, CIN = 1µF, RL =
∞, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Note 1: All specifications are 100% tested at TA = +25°C; temperature limits are guaranteed by design.
Note 2: Inputs are connected directly to GND.
Note 3: Inputs are AC-coupled to ground.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1.8V
≤ VDD ≤ 3.6V,
MAX4411B
DC (Note 2)
69
86
fRIPPLE = 217Hz
86
fRIPPLE = 1kHz
73
Power-Supply Rejection Ratio
PSRR
VDD = 3.0V, 200mVP-P
ripple, MAX4411B
(Note 3)
fRIPPLE = 20kHz
51
dB
RL = 32
Ω
65
Output Power
POUT
THD+N
≤ 1%
TA = +25°C
RL = 16
Ω
55
80
mW
RL = 32
Ω, POUT =
50mW
0.003
Total Harmonic Distortion Plus
Noise
THD+N
fIN = 1kHz
RL = 16
Ω, POUT =
60mW
0.004
%
MAX4411
94
Signal-to-Noise Ratio
SNR
RL = 32
Ω, POUT =
20mW, fIN = 1kHz,
BW = 22Hz to 22kHz
MAX4411B
95
dB
Slew Rate
SR
0.8
V/µs
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Crosstalk
RL = 16
Ω, POUT = 1.6mW, fIN = 10kHz
90
dB
Thermal Shutdown Threshold
140
°C
Thermal Shutdown Hysteresis
15
°C
ESD Protection
Human Body Model (OUTR, OUTL)
±8kV
Typical Operating Characteristics
(C1 = C2 = 2.2µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
VDD = 3V
RL = 16
Ω
POUT = 10mW
POUT = 25mW
POUT = 50mW
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
POUT = 5mW
POUT = 10mW
POUT = 25mW
VDD = 3V
RL = 32
Ω
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.01
0.1
1
0.001
10
100k
POUT = 5mW
POUT = 10mW
POUT = 20mW
VDD = 1.8V
RL = 16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com