Electronic Components Datasheet Search
  English  ▼

X  

55813 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 55813
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55813 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  55813 Datasheet HTML 1Page - TE Connectivity Ltd 55813 Datasheet HTML 2Page - TE Connectivity Ltd 55813 Datasheet HTML 3Page - TE Connectivity Ltd 55813 Datasheet HTML 4Page - TE Connectivity Ltd 55813 Datasheet HTML 5Page - TE Connectivity Ltd 55813 Datasheet HTML 6Page - TE Connectivity Ltd 55813 Datasheet HTML 7Page - TE Connectivity Ltd 55813 Datasheet HTML 8Page - TE Connectivity Ltd 55813 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
THE AMPOWER PRODUCT LINE IS
AVAILABLE IN A VARIETY OF TERMINAL
AND SPLICE STYLES TO SUIT YOUR
DESIGN REQUIREMENTS.
AMPOWER terminals and splices are ideally suited for power generation and distribution.
This makes electrical equipment subject to continuous operation, such as generators, motors
and welders, a perfect application for AMPOWER products. In addition, other applications
include interconnections of power supplies to computers and peripheral equipment
AMPOWER Terminals and Splices
Product Facts
• Designed for large cables and leads
• Ideally suited for power generation and distribution
• Accepts a wide range of stranded copper wires
(6 AWG to 1000 MCM [13-507 mm2]—for terminals
and up to 1500 MCM [760 mm2] for splices)
• Available in a variety of terminal and splice styles
• High-quality, seamless tubular copper
for maximum conductivity
• Listed by Underwriters Laboratories, Inc.
File No. E13288, Spec. 486
• Certified by the Canadian Standards
Association File No. LR7189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com