Electronic Components Datasheet Search
  English  ▼

X  

55813 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 55813
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55813 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  55813 Datasheet HTML 1Page - TE Connectivity Ltd 55813 Datasheet HTML 2Page - TE Connectivity Ltd 55813 Datasheet HTML 3Page - TE Connectivity Ltd 55813 Datasheet HTML 4Page - TE Connectivity Ltd 55813 Datasheet HTML 5Page - TE Connectivity Ltd 55813 Datasheet HTML 6Page - TE Connectivity Ltd 55813 Datasheet HTML 7Page - TE Connectivity Ltd 55813 Datasheet HTML 8Page - TE Connectivity Ltd 55813 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
AMPOWER Terminals and Splices
Table Listing: mm2 to AWG
OVERVIEW
WIRE SIZES:
mm2 to AWG
(American
Wire Gauge)
OVERVIEW
Class 2 and Class 5
Wire Sizes
* Terminals and splices of wire size 600 MCM and above require two crimps for optimum mechanical and
electrical performance.
Wire Sizes
(mm2)
(AWG)
13-15
6
21
4
34-35
2
50-60
1/0
67-70
2/0
80-95
3/0
100-125
4/0
127
250 MCM
152
300 MCM
177
350 MCM
203
400 MCM
253
500 MCM
304
600 MCM*
600 MCM HD*
355
700 MCM*
405
800 MCM*
456
900 MCM*
507
1000 MCM*
634
1250 MCM*
761
1500 MCM*
Rigid Stranded Wires (Class 2)
Flexible Wires (Class 5)
Wire Sizes (mm2)
10.0
6.0
16.0
10.0
25.0
16.0
35.0
25.0
50.0
35.0
70.0
50.0
95.0
70.0
120.0
95.0
150.0
120.0
185.0
150.0
240.0
185.0
300.0
240.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com