Electronic Components Datasheet Search
  English  ▼

X  

55813 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 55813
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

55813 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 55813 Datasheet HTML 5Page - TE Connectivity Ltd 55813 Datasheet HTML 6Page - TE Connectivity Ltd 55813 Datasheet HTML 7Page - TE Connectivity Ltd 55813 Datasheet HTML 8Page - TE Connectivity Ltd 55813 Datasheet HTML 9Page - TE Connectivity Ltd 55813 Datasheet HTML 10Page - TE Connectivity Ltd 55813 Datasheet HTML 11Page - TE Connectivity Ltd 55813 Datasheet HTML 12Page - TE Connectivity Ltd 55813 Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PAGE 9
AMPOWER Terminals and Splices
Terminals (continued)
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Style
Stud
Size
Dimensions
Part
Number
L Max. H Max. C Min.
K
F Min. W Max.
350 MCM
177mm2
325-375
MCM
0.819
20.80
0.17
4.32
A
-
4.54
115.32
-
-
-
3.00
76.20
1.51
38.35
325917
B
1/2
M12
4.06
103.12
0.54
13.72
0.71
18.03
1.25
31.75
-
1.51
38.35
325926-1**
A
-
2.86
72.64
-
-
-
1.41
35.81
1.51
38.35
325956*
B
3/8
-
2.79
70.87
0.63
16.00
0.62
15.75
-
-
1.51
38.35
325903
B
1/2
M12
2.79
70.87
0.63
16.00
0.62
15.75
-
-
1.51
38.35
325905
B
1/2
M12
2.79
70.87
0.63
16.00
0.62
15.75
-
-
1.51
38.35
325905-1**
A
-
2.91
73.91
-
-
-
1.42
36.07
1.51
38.35
325906
C
3/8
-
3.79
96.27
0.63
16.00
0.62
15.75
1.00
25.40
-
1.51
38.35
326806
C
3/8
-
3.79
96.27
0.63
16.00
0.62
15.75
1.00
25.40
-
1.51
38.35
326806-1**
C
1/2
M12
4.55
115.57
0.63
16.00
0.62
15.75
1.75
44.45
-
1.51
38.35
327287
I
1/2
M12
5.47
138.94
0.63
16.00
0.62
15.75
1.75
44.45
-
1.51
38.35
53641-2
400 MCM
203mm2
375-450
MCM
0.876
22.25
0.18
4.57
B
3/8
-
2.89
73.41
0.63
16.00
0.62
15.75
-
-
1.61
40.89
326003
B
1/2
M12
2.89
73.41
0.63
16.00
0.62
15.75
-
-
1.61
40.89
326005
B
1/2
M12
2.89
73.41
0.63
16.00
0.62
15.75
-
-
1.61
40.89
326005-2**
B
5/8
M16
3.01
76.45
0.63
16.00
0.75
19.05
-
-
1.61
40.89
326007
A
-
3.59
91.19
-
-
-
1.99
50.55
1.61
40.89
1-326012-2*
A
-
4.88
123.95
-
-
-
3.24
82.30
1.61
40.89
326016
C
3/8
-
3.90
99.06
0.63
16.00
0.62
15.75
1.00
25.40
-
1.61
40.89
326807
G
-
5.87
149.10
-
-
-
3.21
81.53
1.61
40.89
326021
H
5/8
M16
4.00
101.60
0.63
16.00
0.75
19.05
-
-
1.61
40.89
326020
500 MCM
253mm2
450-550
MCM
0.981
24.92
0.20
5.08
B
3/8
-
3.29
83.57
0.76
19.30
0.75
19.05
-
-
1.80
45.72
326103
B
1/2
M12
3.29
83.57
0.76
19.30
0.75
19.05
-
-
1.80
45.72
326105
B
5/8
M16
3.29
83.57
0.76
19.30
0.75
19.05
-
-
1.80
45.72
326106
A
-
3.43
87.12
-
-
-
1.68
42.67
1.80
45.72
326107-1*
A
-
3.79
96.27
-
-
-
2.04
51.82
1.80
45.72
2-326111-1*
A
-
5.00
127.00
-
-
-
3.25
82.55
1.80
45.72
326117
C
1/2
M12
4.80
121.92
0.61
15.49
0.62
15.75
1.75
44.45
-
1.80
45.72
327289
C
3/8
-
4.05
102.87
0.63
16.00
0.62
15.75
1.00
25.40
-
1.80
45.72
326808
G
-
6.08
154.43
-
-
-
3.20
81.28
1.80
45.72
326123
I
1/2
M12
5.88
149.35
0.63
16.00
0.62
15.75
1.75
44.45
-
1.80
45.72
53642-2
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
**Cleaned but not plated.
**No sight hole.
1
Per NEMA specification.
F
W
A
G
D
H
B
C
C
E
H
H
K
F
I
C
W
W
W
W
W
L
F
L
L
L
L
L
H
C
H
K
C
F
W
H
C
H
K
C
W
W
L
L
L
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com