Electronic Components Datasheet Search
  English  ▼

X  

DS1305EN/T Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1305EN/T
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305EN/T Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1305EN/T Datasheet HTML 3Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 4Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 5Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 6Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 7Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 8Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 9Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 10Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS1305
7 of 21
During each clock update, the RTC compares the Alarm 0 and Alarm 1 registers with the corresponding
clock registers. When a match occurs, the corresponding alarm flag bit in the status register is set to a 1. If
the corresponding alarm interrupt enable bit is enabled, an interrupt output is activated.
Table 1. TIME-OF-DAY ALARM MASK BITS
ALARM REGISTER MASK BITS (BIT 7)
SECONDS
MINUTES
HOURS
DAYS
FUNCTION
1
1
1
1
Alarm once per second
0
1
1
1
Alarm when seconds match
0
0
1
1
Alarm when minutes and seconds match
0
0
0
1
Alarm hours, minutes, and seconds match
0
0
0
0
Alarm day, hours, minutes and seconds match
SPECIAL PURPOSE REGISTERS
The DS1305 has three additional registers (control register, status register, and trickle charger register)
that control the RTC, interrupts, and trickle charger.
CONTROL REGISTER (READ 0FH, WRITE 8FH)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
EOSC
WP
0
0
0
INTCN
AIE1
AIEO
EOSC
(Enable Oscillator) – This bit when set to logic 0 starts the oscillator. When this bit is set to a
logic 1, the oscillator is stopped and the DS1305 is placed into a low-power standby mode with a current
drain of less than 100nA when power is supplied by VBAT or VCC2. On initial application of power, this bit
will be set to a logic 1.
WP (Write Protect) – Before any write operation to the clock or RAM, this bit must be logic 0. When
high, the write protect bit prevents a write operation to any register, including bits 0, 1, 2, and 7 of the
control register. Upon initial power-up, the state of the WP bit is undefined. Therefore, the WP bit should
be cleared before attempting to write to the device.
INTCN (Interrupt Control) – This bit controls the relationship between the two time-of-day alarms and
the interrupt output pins. When the INTCN bit is set to a logic 1, a match between the timekeeping
registers and the Alarm 0 registers activates the INT0 pin (provided that the alarm is enabled) and a
match between the timekeeping registers and the Alarm 1 registers activate the INT1 pin (provided that
the alarm is enabled). When the INTCN bit is set to a logic 0, a match between the timekeeping registers
and either Alarm 0 or Alarm 1 activate the INT0 pin (provided that the alarms are enabled). INT1 has no
function when INTCN is set to a logic 0.
AIE0 (Alarm Interrupt Enable 0) – When set to a logic 1, this bit permits the interrupt 0 request flag
(IRQF0) bit in the status register to assert INT0 . When the AIE0 bit is set to logic 0, the IRQF0 bit does
not initiate the INT0 signal.
AIE1 (Alarm Interrupt Enable 1) – When set to a logic 1, this bit permits the interrupt 1 request flag
(IRQF1) bit in the status register to assert INT1 (when INTCN = 1) or to assert INT0 (when INTCN = 0).
When the AIE1 bit is set to logic 0, the IRQF1 bit does not initiate an interrupt signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com