| Electronic Components Datasheet Search |
|
DS1305EN/T Datasheet(PDF) 14 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1305EN/T Datasheet(HTML) 14 Page - Dallas Semiconductor |
|
14 / 21 page ![]() DS1305 14 of 21 3-WIRE INTERFACE The 3-wire interface mode operates similarly to the SPI mode. However, in 3-wire mode there is one I/O instead of separate data in and data out signals. The 3-wire interface consists of the I/O (SDI and SDO pins tied together), CE, and SCLK pins. In 3-wire mode, each byte is shifted in LSB first unlike SPI mode where each byte is shifted in MSB first. As is the case with the SPI mode, an address byte is written to the device followed by a single data byte or multiple data bytes. Figure 9 illustrates a read and write cycle. In 3-wire mode, data is input on the rising edge of SCLK and output on the falling edge of SCLK. Figure 9. 3-WIRE SINGLE-BYTE TRANSFER NOTE: IN BURST MODE, CE IS KEPT HIGH AND ADDITIONAL SCLK CYCLES ARE SENT UNTIL THE END OF THE BURST. *I/O IS SDI AND SDO TIED TOGETHER. A0 A1 A2 A3 A4 A5 A6 1 CE SCLK I/O* D0 D1 D2 D3 D4 D5 D6 D7 SINGLE-BYTE WRITE D0 D1 D2 D3 D4 D5 D6 D7 A0 A1 A2 A3 A4 A5 A6 0 I/O* CE SCLK SINGLE-BYTE READ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |