Electronic Components Datasheet Search
  English  ▼

X  

DS1305EN/T Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1305EN/T
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305EN/T Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1305EN/T Datasheet HTML 13Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 14Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 15Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 16Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 17Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 18Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 19Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 20Page - Dallas Semiconductor DS1305EN/T Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS1305
17 of 21
3-WIRE AC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.) (Figure 10 and Figure 11)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC = 2.0V
200
Data to CLK Setup
tDC
VCC = 5V
50
ns
3,4
VCC = 2.0V
280
CLK to Data Hold
tCDH
VCC = 5V
70
ns
3,4
VCC = 2.0V
800
CLK to Data Delay
tCDD
VCC = 5V
200
ns
3,4,5
VCC = 2.0V
1000
CLK Low Time
tCL
VCC = 5V
250
ns
4
VCC = 2.0V
1000
CLK High Time
tCH
VCC = 5V
250
ns
4
VCC = 2.0V
0.6
CLK Frequency
tCLK
VCC = 5V
DC
2.0
MHz
4
VCC = 2.0V
2000
CLK Rise and Fall
tR, tF
VCC = 5V
500
ns
VCC = 2.0V
4
CE to CLK Setup
tCC
VCC = 5V
1
µs
4
VCC = 2.0V
240
CLK to CE Hold
tCCH
VCC = 5V
60
ns
4
VCC = 2.0V
4
CE Inactive Time
tCWH
VCC = 5V
1
µs
4
VCC = 2.0V
280
CE to Output High-Z
tCDZ
VCC = 5V
70
ns
3,4
VCC = 2.0V
280
SCLK to Output High-Z
tCCZ
VCC = 5V
70
ns
3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com