Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9833 Datasheet HTML 3Page - Analog Devices AD9833 Datasheet HTML 4Page - Analog Devices AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
AD9833
Rev. G | Page 7 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
MCLK FREQUENCY (MHz)
5.5
5.0
3.0
3.5
4.0
4.5
0
5
10
15
20
25
TA = 25°C
VDD = 5V
VDD = 3V
Figure 6. Typical Current Consumption (IDD) vs. MCLK Frequency
for fOUT = MCLK/10
0
1
2
3
4
5
6
100
1k
10k
100k
1M
10M
fOUT (Hz)
VDD = 5V
VDD = 3V
Figure 7. Typical IDD vs. fOUT for fMCLK = 25 MHz
0
5
10
15
20
25
MCLK FREQUENCY (MHz)
–65
–60
–90
–70
–75
–80
–85
MCLK/7
MCLK/50
VDD = 3V
TA = 25°C
Figure 8. Narrow-Band SFDR vs. MCLK Frequency
–45
–40
–70
5
7
9
11
13
15
17
19
21
23
25
–50
–55
–60
–65
MCLK FREQUENCY (MHz)
MCLK/7
MCLK/50
VDD = 3V
TA = 25°C
Figure 9. Wideband SFDR vs. MCLK Frequency
fOUT/fMCLK
–30
–90
–80
–70
–60
–50
–40
0
–20
–10
fMCLK = 1MHz
fMCLK = 10MHz
0.001
0.01
0.1
1
10
100
fMCLK = 25MHz
VDD = 3V
TA = 25°C
fMCLK = 18MHz
Figure 10. Wideband SFDR vs. fOUT/fMCLK for Various MCLK Frequencies
MCLK FREQUENCY (MHz)
1.0
5.0
10.0
12.5
25.0
–60
–65
–70
–50
–55
–40
–45
VDD = 3V
TA = 25°C
fOUT = MCLK/4096
Figure 11. SNR vs. MCLK Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com