Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9833 Datasheet HTML 13Page - Analog Devices AD9833 Datasheet HTML 14Page - Analog Devices AD9833 Datasheet HTML 15Page - Analog Devices AD9833 Datasheet HTML 16Page - Analog Devices AD9833 Datasheet HTML 17Page - Analog Devices AD9833 Datasheet HTML 18Page - Analog Devices AD9833 Datasheet HTML 19Page - Analog Devices AD9833 Datasheet HTML 20Page - Analog Devices AD9833 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
AD9833
Rev. G | Page 19 of 21
NO
WRITE 14MSBs OR LSBs
TO A FREQUENCY REGISTER?
(CONTROL REGISTER WRITE)
B28 (D13) = 0
HLB (D12) = 0/1
WRITE A 16-BIT WORD
(SEE TABLE 10 AND TABLE 11
FOR EXAMPLES)
WRITE 14MSBs OR LSBs
TO A
FREQUENCY REGISTER?
WRITE TO PHASE
REGISTER?
(16-BIT WRITE)
D15, D14 = 11
D13 = 0/1 (CHOOSE THE
PHASE REGISTER)
D12 = X
D11 ... D0 = PHASE DATA
WRITE TO ANOTHER
PHASE REGISTER?
YES
WRITE ANOTHER FULL
28-BIT WORD TO A
FREQUENCY REGISTER?
WRITE TWO CONSECUTIVE
16-BIT WORDS
(SEE TABLE 9 FOR EXAMPLE)
(CONTROL REGISTER WRITE)
B28 (D13) = 1
WRITE A FULL 28-BIT WORD
TO A FREQUENCY REGISTER?
DATA WRITE
NO
YES
YES
NO
YES
O
N
O
N
YES
YES
Figure 28. Flowchart for Data Writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com