Electronic Components Datasheet Search
  English  ▼

X  

AD9833 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9833
Description  Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9833 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9833 Datasheet HTML 5Page - Analog Devices AD9833 Datasheet HTML 6Page - Analog Devices AD9833 Datasheet HTML 7Page - Analog Devices AD9833 Datasheet HTML 8Page - Analog Devices AD9833 Datasheet HTML 9Page - Analog Devices AD9833 Datasheet HTML 10Page - Analog Devices AD9833 Datasheet HTML 11Page - Analog Devices AD9833 Datasheet HTML 12Page - Analog Devices AD9833 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
AD9833
Rev. G | Page 9 of 21
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
1M
RWB 300
ST 100 SEC
VWB 100
Figure 18. Power vs. Frequency, fMCLK = 25 MHz, fOUT = 60 kHz,
Frequency Word = 0x009D495
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
12.5M
RWB 1k
ST 100 SEC
VWB 300
Figure 19. Power vs. Frequency, fMCLK = 25 MHz, fOUT = 600 kHz,
Frequency Word = 0x0624DD3
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
12.5M
RWB 1k
ST 100 SEC
VWB 300
Figure 20. Power vs. Frequency, fMCLK = 25 MHz, fOUT = 2.4 MHz,
Frequency Word = 0x189374D
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
12.5M
RWB 1k
ST 100 SEC
VWB 300
Figure 21. Power vs. Frequency, fMCLK = 25 MHz, fOUT = 3.857 MHz = fMCLK/7,
Frequency Word = 0x2492492
FREQUENCY (Hz)
0
–20
–50
–90
–100
–80
–70
–60
–40
–30
–10
0
12.5M
RWB 1k
ST 100 SEC
VWB 300
Figure 22. Power vs. Frequency, fMCLK = 25 MHz, fOUT = 8.333 MHz = fMCLK/3,
Frequency Word = 0x5555555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com