Electronic Components Datasheet Search
  English  ▼

X  

FNK3070PD Datasheet(PDF) 2 Page - FNK-Semiconductor

Part # FNK3070PD
Description  FNK P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK3070PD Datasheet(HTML) 2 Page - FNK-Semiconductor

  FNK3070PD Datasheet HTML 1Page - FNK-Semiconductor FNK3070PD Datasheet HTML 2Page - FNK-Semiconductor FNK3070PD Datasheet HTML 3Page - FNK-Semiconductor FNK3070PD Datasheet HTML 4Page - FNK-Semiconductor FNK3070PD Datasheet HTML 5Page - FNK-Semiconductor FNK3070PD Datasheet HTML 6Page - FNK-Semiconductor FNK3070PD Datasheet HTML 7Page - FNK-Semiconductor FNK3070PD Datasheet HTML 8Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.7
-1.2
-1.8
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-10A
-
7
8.3
mΩ
Forward Transconductance
gFS
VDS=-10V,ID=-15A
-
20
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
3515
-
PF
Output Capacitance
Coss
-
410
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
355
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
13
-
nS
Turn-on Rise Time
tr
-
12
-
nS
Turn-Off Delay Time
td(off)
-
48
-
nS
Turn-Off Fall Time
tf
VDD=-15V,ID=-10A
VGS=-10V,RGEN=6Ω
-
14
-
nS
Total Gate Charge
Qg
-
84
-
nC
Gate-Source Charge
Qgs
-
11.9
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-10A,
VGS=-10V
-
25
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-10A
-
-0.85
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-50
A
Reverse Recovery Time
trr
-
-
49
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = -10A
di/dt = 100A/μs(Note3)
-
-
43
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition:Tj=25℃,VDD=-15V,VG=-10V,L=0.5mH,Rg=25Ω
FNK3070PC/D
FNK-Semiconductor
Nov.2016.Rev.1.0
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com