Electronic Components Datasheet Search
  English  ▼

X  

FNK3070PD Datasheet(PDF) 1 Page - FNK-Semiconductor

Part # FNK3070PD
Description  FNK P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK3070PD Datasheet(HTML) 1 Page - FNK-Semiconductor

  FNK3070PD Datasheet HTML 1Page - FNK-Semiconductor FNK3070PD Datasheet HTML 2Page - FNK-Semiconductor FNK3070PD Datasheet HTML 3Page - FNK-Semiconductor FNK3070PD Datasheet HTML 4Page - FNK-Semiconductor FNK3070PD Datasheet HTML 5Page - FNK-Semiconductor FNK3070PD Datasheet HTML 6Page - FNK-Semiconductor FNK3070PD Datasheet HTML 7Page - FNK-Semiconductor FNK3070PD Datasheet HTML 8Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel Enhancement Mode Power MOSFET
Description
The
uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
V
=-70A
< 8.3 mΩ @ VGS=-10V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Battery and loading switching
Schematic diagram
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-70
A
Pulsed Drain Current
IDM
-280
A
Maximum Power Dissipation
PD
50
W
Derating factor
0. 28
W/℃
Single pulse avalanche energy
(Note 5)
EAS
158
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJC
3.6
/W
℃
FNK3070PC/D
FNK
FNK3070PC/D
DS(ON)
3070PC
FNK3070PC
TO-251(SIPARK)
DS
R
=-30V, ID
-
-
-
3070PD
FNK3070PD
TO-252(DPARK)
FNK-Semiconductor
Nov.2016.Rev.1.0
1/8
TO-251 top view
TO-252-2L top view


Similar Part No. - FNK3070PD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNK3404 ETC-FNK3404 Datasheet
686Kb / 7P
N-Channel Enhancement Mode Power MOSFET
Feb.2017.Rev.1.0
More results

Similar Description - FNK3070PD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com