Electronic Components Datasheet Search
  English  ▼

X  

FNK3070PD Datasheet(PDF) 7 Page - FNK-Semiconductor

Part # FNK3070PD
Description  FNK P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor

FNK3070PD Datasheet(HTML) 7 Page - FNK-Semiconductor

  FNK3070PD Datasheet HTML 1Page - FNK-Semiconductor FNK3070PD Datasheet HTML 2Page - FNK-Semiconductor FNK3070PD Datasheet HTML 3Page - FNK-Semiconductor FNK3070PD Datasheet HTML 4Page - FNK-Semiconductor FNK3070PD Datasheet HTML 5Page - FNK-Semiconductor FNK3070PD Datasheet HTML 6Page - FNK-Semiconductor FNK3070PD Datasheet HTML 7Page - FNK-Semiconductor FNK3070PD Datasheet HTML 8Page - FNK-Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FNK3070PC/D
FNK-Semiconductor
Nov.2016.Rev.1.0
7/8
TO-252 Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
0.000
0.127
0.000
0.005
b
0.660
0.860
0.026
0.034
c
0.460
0.580
0.018
0.023
D
6.500
6.700
0.256
0.264
D1
5.100
5.460
0.201
0.215
D2
4.830 TYP.
0.190 TYP.
E
6.000
6.200
0.236
0.244
e
2.186
2.386
0.086
0.094
L
9.800
10.400
0.386
0.409
L1
2.900 TYP.
0.114 TYP.
L2
1.400
1.700
0.055
0.067
L3
1.600 TYP.
0.063 TYP.
L4
0.600
1.000
0.024
0.039
Φ
1.100
1.300
0.043
0.051
θ
0°
8°
0°
8°
h
0.000
0.300
0.000
0.012
V
5.350 TYP.
0.211 TYP.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com