Electronic Components Datasheet Search
  English  ▼

X  

FT232BM Datasheet(PDF) 45 Page - Future Technology Devices International Ltd.

Part # FT232BM
Description  Dual USB UART / FIFO I.C.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BM Datasheet(HTML) 45 Page - Future Technology Devices International Ltd.

Back Button FT232BM Datasheet HTML 41Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 42Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 43Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 44Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 45Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 46Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 47Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 48Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 49Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DS2232C Version 1.2
© Future Technology Devices International Ltd. 2004
Page 45 of 54
FT2232C Dual USB UART / FIFO I.C.
When MCU Host Bus Emulation mode is enabled the IO signal lines on both channels work together and the pins are
configured as follows :-
Pin#
Signal
Type
Description
24
AD0
I/O
Address / Data Bus Bit 0
**Note 28
23
AD1
I/O
Address / Data Bus Bit 1
**Note 28
22
AD2
I/O
Address / Data Bus Bit 2
**Note 28
21
AD3
I/O
Address / Data Bus Bit 3
**Note 28
20
AD4
I/O
Address / Data Bus Bit 4
**Note 28
19
AD5
I/O
Address / Data Bus Bit 5
**Note 28
17
AD6
I/O
Address / Data Bus Bit 6
**Note 28
16
AD7
I/O
Address / Data Bus Bit 7
**Note 28
15
I/O0
I/O
MPSSE mode instructions to set / clear or read the high byte of
data can be used with this pin.
**Note 28, **Note 29
13
I/O1
I/O
MPSSE mode instructions to set / clear or read the high byte of
data can be used with this pin. In addition this pin has instructions
which will make the controller wait until it is high, or wait until it is
low. This can be used to connect to an IRQ pin of a peripheral chip.
The FT2232C will wait for the interrupt, and then read the device,
and pass the answer back to the host PC. I/O1 must be held in
input mode if this option is used.
**Note 28, **Note 29
12
IORDY
INPUT
Extends the time taken to perform a Read or Write operation if
pulled low. Pull up to Vcc if not being used.
11
OSC
OUTPUT Shows the clock signal that the circuit is using.
40
A8
OUTPUT Extended Address Bus Bit 8
39
A9
OUTPUT Extended Address Bus Bit 9
38
A10
OUTPUT Extended Address Bus Bit 10
37
A11
OUTPUT Extended Address Bus Bit 12
36
A12
OUTPUT Extended Address Bus Bit 13
35
A13
OUTPUT Extended Address Bus Bit 14
33
A14
OUTPUT Extended Address Bus Bit 15
32
A15
OUTPUT Extended Address Bus Bit 16
30
CS#
OUTPUT Negative pulse to select device during Read or Write.
29
ALE
OUTPUT Positive pulse to latch the address.
28
RD#
OUTPUT Negative Read Output.
27
WR#
OUTPUT Negative Write Output. (Data is setup before WR# goes low, and is
held after WR# goes high)
**Note 28 : In Input Mode, these pins are pulled to VCCIO via internal 200K resistors. These can be programmed to
gently pull low during USB suspend ( PWREN# = “1” ) by setting this option in the EEPROM.
**Note 29 : These instrucions are fully described in the application note AN2232C-01 - “Command Processor For
MPSSE and MCU Host Bus Emulation Modes”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com