Electronic Components Datasheet Search
  English  ▼

X  

CPC1981Y Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1981Y
Description  Normally Open Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1981Y Datasheet(HTML) 3 Page - Littelfuse

  CPC1981Y Datasheet HTML 1Page - Littelfuse CPC1981Y Datasheet HTML 2Page - Littelfuse CPC1981Y Datasheet HTML 3Page - Littelfuse CPC1981Y Datasheet HTML 4Page - Littelfuse CPC1981Y Datasheet HTML 5Page - Littelfuse CPC1981Y Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1981Y
www.ixysic.com
3
R08
LED Forward Voltage Drop (V)
1.364
1.366
1.368
1.370
1.372
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
1.7
2.3
2.9
1.4
2.0
2.6
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
0.010
0.012
0.014
0.009
0.011
0.013
Turn-Off Time (ms)
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
25
20
15
10
5
0
12.1
12.2
12.3
12.5
12.4
12.6
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=120mADC, TA=25ºC)
On-Resistance ( )
35
30
25
20
15
10
5
0
35
30
25
20
15
10
5
0
1044
1060
1076
1052
1068
1084
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
-50
-25
0
25
50
75
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Typical LED Forward Voltage Drop
vs. Temperature
I
F=10mA
I
F=5mA
I
F=2mA
Typical Turn-On Time
vs.LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
50
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-40
-20
0
20
40
60
80
100
IF = 10mA
Temperature (ºC)
Typical Turn-On Time
vs. Temperature
(I
L=100mADC)
1400
1200
1000
800
600
400
200
0
IF = 20mA
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
I
F=20mA
Temperature (ºC)
I
F=10mA
Typical Turn-Off Time
vs. Temperature
(I
L=100mADC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com