Electronic Components Datasheet Search
  English  ▼

X  

CPC1981Y Datasheet(PDF) 1 Page - Littelfuse

Part # CPC1981Y
Description  Normally Open Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1981Y Datasheet(HTML) 1 Page - Littelfuse

  CPC1981Y Datasheet HTML 1Page - Littelfuse CPC1981Y Datasheet HTML 2Page - Littelfuse CPC1981Y Datasheet HTML 3Page - Littelfuse CPC1981Y Datasheet HTML 4Page - Littelfuse CPC1981Y Datasheet HTML 5Page - Littelfuse CPC1981Y Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1981Y-R08
1
CPC1981Y
1000V, 0.18A
rms Single-Pole
Normally Open Power SIP Relay
Part #
Description
CPC1981Y
4-Pin (8-Pin Body) Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
1000
V
P
Load Current
0.18
A
rms
On-Resistance (max)
18
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• IC Equipment
• Home Appliances
• Handle Load Currents Up to 0.25A
• 2500V
rms Input/Output Isolation
• Power SIP Package
• High Reliability
• Low Drive Power Requirements
• No EMI/RFI Generation
IXYS Integrated Circuits brings OptoMOS technology,
reliability, and compact size to a new family of high
power solid state relays. As part of that family, the
CPC1981Y is a 1-Form-A solid state relay.
The CPC1981Y employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation.
The optically coupled outputs, that use patented
OptoMOS architecture, are controlled by a highly
efficient infrared LED. The combination of low
on-resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
• UL 508 Recognized Component: File E69938
• CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
-
4
2
+
3


Similar Part No. - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
Power SIP Relay
CPC1981Y CLARE-CPC1981Y Datasheet
110Kb / 6P
OptoMOS짰 Power SIP Relay
logo
IXYS Corporation
CPC1981Y IXYS-CPC1981Y Datasheet
106Kb / 6P
Arc-Free With No Snubbing Circuits
More results

Similar Description - CPC1981Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NPBF IRF-PVAZ172NPBF Datasheet
1Mb / 5P
Power MOSFET Photovoltaic Relay Single Pole, Normally Open
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1907B IXYS-CPC1907B Datasheet
113Kb / 6P
Single-Pole, Normally Open Power SOIC OptoMOS Relay
logo
Pasternack Enterprises,...
PE7159 PASTERNACK-PE7159_15 Datasheet
433Kb / 5P
SP6T Electromechanical Relay Normally Open Switch
logo
IXYS Corporation
CPC1218 IXYS-CPC1218 Datasheet
107Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
CPC1984Y IXYS-CPC1984Y Datasheet
141Kb / 6P
600V, 1A, Normally Open SIP Power Relay
CPC1217 IXYS-CPC1217 Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com