Electronic Components Datasheet Search
  English  ▼

X  

TCS4525 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TCS4525
Description  5A, 3MHz Synchronous Step-Down DC-DC with I2 C Compatible Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCS4525 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TCS4525 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 16Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 17Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 18Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 19Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 20Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Packaging Information
WCSP-20
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
0.60
-
0.024
A1
0.15
0.23
0.006
0.009
D
1.60
1.66
0.063
0.065
D1
0.40 REF
0.016 REF
E
2.00
2.06
0.079
0.081
E1
0.40 REF
0.016 REF
5A, 3MHz Synchronous Step-Down
DC-DC with I
2
C Compatible Interface
Ver.1.0 May.26,2015 Page
21
TCS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com