Electronic Components Datasheet Search
  English  ▼

X  

TCS4525 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TCS4525
Description  5A, 3MHz Synchronous Step-Down DC-DC with I2 C Compatible Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCS4525 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TCS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 12Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 16Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
The TCS4525 device supports 7-bit addressing. The 7
The EN pin controls TCS4525 start up. EN pin Low
The TCS4525 device works as a slave and supports
free way to change TCS4525 configuration: operating
Enabling
to High transition starts the power up sequencer. If
EN is made low, the DC-DC converter is turned off
and device enters:
In Sleep Mode if Sleep_Mode I
2C bit is high or
VSEL is high.
In Off Mode if Sleep_Mode I
2C bit and VSEL
are low.
When EN pin is set to high level, the DC-DC
converter can be enabled/disabled by writing the
ENVSEL0 or ENVSEL1 bit of the PROGVSEL0 and
PROGVSEL1 registers: If ENVSELx bit is high,
DC-DC is activated. If ENVSELx bit is low, DC-DC
converter is turned off and device enters in Sleep
Mode.
A built in pull down resistor disables the device when
this pin is left unconnected or not driven.
Dynamic Voltage Scaling (DVS)
This converter supports dynamic voltage scaling
(DVS)
allowing
the
output
voltage
to
be
reprogrammed via I
2C commands and provides the
different voltages required by the processor. The
change between set points is managed in a smooth
fashion without disturbing the operation of the
processor. When programming a higher voltage,
output
raises
in
equidistant
steps,
which
are
6.25mV/0.166us, such that the dV/dt is controlled.
When programming a lower voltage, output will
decrease in equidistant steps per defined time period
such
that
the
dV/dt
is
controlled
(default
6.25mV/2.666us) by writing DVS[1..0] bits in TIME
register. DVS sequence is automatically initiated by
changing output voltage settings. There are two ways
to change these settings:
Directly change the active setting register value
(VoutVSEL0[6..0] of PROGVSEL0 register or
VoutVSEL1[6..0] of the PROGVSEL1 register)
via I
2C command.
Change the VSEL internal signal level by
toggling VSEL pin.
The second method eliminates the I
2C latency and
therefore faster.
VSEL Pin
By changing VSEL pin levels, the user has a latency
mode (Auto or PWM forced), the output voltage as
well as enable. VSEL pin action can be masked by
writing 0 to the VSELGT bit in the COMMAND
register. In that case I
2C bit corresponding to VSEL
high will be taken into account.
Power Good Pin (Optional)
To indicate the output voltage level is established, a
power good signal is available. The power good pin is
pulled down when the DC-DC converter is off. Once
the output voltage reaches 93% of the expected output
level, the power good logic signal becomes high and
the open drain output becomes high impedance.
During operation when the output drops below 90%
of the programmed level, the power good logic signal
goes low and the open drain signal transitions to a
low impedance state, which indicates a power failure.
When the voltage rises again to above 93% the power
good signal goes high again.
During a positive DVS sequence, when target voltage
is higher than initial voltage, the Power Good logic
signal will be set low during output voltage ramping
and transition to high once the output voltage reaches
93% of the target voltage. When the target voltage is
lower than the initial voltage, Power Good pin will
remain at high level during transition.
Power Good signal during normal operation can be
disabled by clearing the PGDCDC bit in PGOOD
register.
Power Good operation during DVS can be controlled
by setting / clearing the bit PGDVS in PGOOD
register.
In order to generate a Reset signal, a delay can be
programmed between the output voltage gets 93% of
its final value and Power Good pin is released to high
level. The delay is set through the TOR[1..0] bits in
the TIME register. The default delay is 0 ms.
I
2C interface
Description
I
2C is a 2-wire serial interface developed by Philips
Semiconductor (see I
2C-Bus Specification, Version
2.1, January 2000). The bus consists of a data line
(SDA) and a clock line (SCL) with pull-up structures.
When the bus is idle, both SDA and SCL lines are
pulled high. All the I
2C compatible devices connect to
the I
2C bus through open drain I/O pins, SDA and
SCL. A master device, usually a microcontroller or a
digital signal processor, controls the bus. The master
is responsible for generating the SCL signal and
device addresses. The master also generates specific
conditions that indicate the START and STOP of data
transfer. A slave device receives and/or transmits data
on the bus under control of the master device.
the following data transfer modes, as defined in the
I
2C-Bus Specification: standard mode (100 kbps), fast
mode (400 kbps), and high-speed mode (up to 3.4
Mbps in write mode). The interface adds flexibility to
the power supply solution, enabling most functions to
be programmed to new values depending on the
instantaneous application requirements. The data
transfer protocol for standard and fast modes is
exactly the same. Therefore, they are referred to as
F/S-mode in this document. The protocol for
high-speed mode is identical with the F/S-mode
except the bus speed, and it is referred to as
HS-mode.
MSBs are 0011100.
5A, 3MHz Synchronous Step-Down
DC-DC with I
2
C Compatible Interface
Ver.1.0 May.26,2015 Page
13
TCS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com