Electronic Components Datasheet Search
  English  ▼

X  

TCS4525 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TCS4525
Description  5A, 3MHz Synchronous Step-Down DC-DC with I2 C Compatible Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TCS4525 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TCS4525 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 10Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 11Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 12Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 13Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 14Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 15Page - List of Unclassifed Manufacturers TCS4525 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
If REARM = 1, TCS4525 restarts with register
When TCS4525 returns from thermal shutdown, it
If REARM = 0, TCS4525 does not restart after
ground the TCS4525 output voltage. For maximum
The TCS4525 could operate at PFM mode to save
The TCS4525 can be programmed to only use PWM
Selecting forced PWM mode operation, the TCS4525
When the VSEL pin is set high, the TCS4525 has a
Output voltage level of the TCS4525 can be
The TCS4525 integrates an I
TCS4525 uses voltage mode architecture with input
The TCS4525 is a synchronous step-down converter
OPERATION
Functional Description
typically operating with a 3-MHz fixed frequency
pulse-width modulation (PWM) at moderate to heavy
load currents. At light load currents, the converter
could be programmed to operate with pulse frequency
modulation (PFM) to improve efficiency. Both the
main (P-Channel MOSFET) and the synchronous
(N-Channel MOSFET) switches are internal. The
voltage feed-forward. This achieves good load and
line response and allows the use of tiny inductors and
small ceramic input and output capacitors.
2C compatible interface
allowing
transfers
up
to
3.4
Mbps.
This
communication interface can be used for dynamic
voltage scaling with voltage steps down to 6.25 mV,
for reprogramming the mode of operation (PFM or
forced PWM) or disable/enabling the output voltage
for instance. For more details, see the I
2C interface
and register description section.
Forced PWM Operation
regulates output voltage by switching at a constant
frequency and then modulating the power transferred
to the load each cycle using PWM comparator. At the
beginning of each switching cycle, the P-channel
MOSFET switch is turned on and the inductor current
ramps up until the PWM comparator trips and the
control logic turns off the switch. The duty cycle is
controlled by two weighed differential signals: the
output of error amplifier and the sawtooth ramp.
Forced PWM operation provides low ripple noise.
and disable the transition to PFM if desired
(PWMVSEL0/ PWMVSEL1 bits of COMMAND
register).
Figure 6. Operation in PFM mode and transfer to
PWM mode
PFM/PWM Operation
power and improve efficiency when the load current
is very low. In this case, the converter will
automatically switch between PFM state and PWM
state based on load demand. At light loads, the device
enters
PFM
mode
and
operates with
reduced
switching frequency and quiescent current to maintain
high efficiency. During PFM operation, there are two
thresholds to control the loop and limit the output
ripple as shown in Figure 6. With the increase of load
current, the converter changes from PFM to PWM
mode with smooth transition.
Output Voltage
programmed in the 0.6 V to 1.4 V range by 6.25 mV
steps. Writing in the VoutVSEL0[6..0] bits of the
PROGVSEL0 register or VoutVSEL1[6..0] bits of the
PROGVSEL1 register will change settings. The
VSEL pin and VSELGT bit will determine which
register between PROGVSEL0 and PROGVSEL1
will set the output voltage.
If VSELGT=1 AND VSEL=0, Output voltage is
set by VoutVSEL0[6..0] bits (PROGVSEL0
register)
Else, Output voltage is set by VoutVSEL1[6..0]
bits (PROGVSEL1 register)
default output voltage of 1.15V. When the VSEL pin
is set low, the default output voltage changes to
1.025V.
Undervoltage Lockout
The undervoltage lockout circuit prevents device
from misoperation at low input voltages. It prevents
the converter from turning on the main and
synchronous switches under undervoltage state.
Thermal Shutdown
As soon as the junction temperature of the IC exceeds
150°C typical, the device goes into thermal shutdown.
Both
the
main
(P-channel
MOSFET)
and
synchronous (N-channel MOSFET) switches are
turned off.
can restart in two different configurations depending
on REARM bit in the LIMCONF register (see
register description section):
TSD. To restart, an EN pin toggle is required.
values set prior to thermal shutdown. The device
recovers
its
operation
when
the
junction
temperature falls below 130°C typical again.
Active Output Discharge
To make sure that no residual voltage remains in the
power supply rail, an active discharge path can
flexibility, this feature can be easily disabled or
enabled with DISCHG bit in PGOOD register. By
default the discharge path is disabled.
5A, 3MHz Synchronous Step-Down
DC-DC with I
2
C Compatible Interface
Ver.1.0 May.26,2015 Page
12
TCS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com