Electronic Components Datasheet Search
  English  ▼

X  

MAX97003 Datasheet(PDF) 32 Page - Analog Devices

Part # MAX97003
Description  High-Efficiency, Low-Noise Audio Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX97003 Datasheet(HTML) 32 Page - Analog Devices

Back Button MAX97003 Datasheet HTML 28Page - Analog Devices MAX97003 Datasheet HTML 29Page - Analog Devices MAX97003 Datasheet HTML 30Page - Analog Devices MAX97003 Datasheet HTML 31Page - Analog Devices MAX97003 Datasheet HTML 32Page - Analog Devices MAX97003 Datasheet HTML 33Page - Analog Devices MAX97003 Datasheet HTML 34Page - Analog Devices MAX97003 Datasheet HTML 35Page - Analog Devices MAX97003 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
���������������������������������������������������������������� Maxim Integrated Products 32
MAX97003
High-Efficiency, Low-Noise Audio Subsystem
Table 4. Mixer Registers
Mixers
The IC features independent mixers for the left headphone, right headphone, and speaker paths. Each output can
select any combination of any inputs. This allows for mixing two audio signals together and routing independent signals
to the headphone and speaker amplifiers. If one of the inputs is not selected by either mixer, it is automatically powered
down to reduce current consumption.
REGISTER
BIT
NAME
DESCRIPTION
0x05
7
HPLMIX
Left Headphone Mixer. Selects which of the four inputs is routed to the left headphone
output.
6
0000
xxx1
xx1x
x1xx
1xxx
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
5
4
3
HPRMIX
Right Headphone Mixer. Selects which of the four inputs is routed to the right
headphone output.
2
0000
xxx1
xx1x
x1xx
1xxx
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
1
0
0x06
3
SPKMIX
Speaker Mixer. Selects which of the four inputs is routed to the speaker output.
2
0000
xxx1
xx1x
x1xx
1xxx
No input
INA1 (Disabled when INADIFF = 1)
INA2 (Select when INADIFF = 1)
INB1 (Disabled when INBDIFF = 1)
INB2 (Select when INBDIFF = 1)
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com