Electronic Components Datasheet Search
  English  ▼

X  

MAX97003 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX97003
Description  High-Efficiency, Low-Noise Audio Subsystem
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX97003 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX97003 Datasheet HTML 9Page - Analog Devices MAX97003 Datasheet HTML 10Page - Analog Devices MAX97003 Datasheet HTML 11Page - Analog Devices MAX97003 Datasheet HTML 12Page - Analog Devices MAX97003 Datasheet HTML 13Page - Analog Devices MAX97003 Datasheet HTML 14Page - Analog Devices MAX97003 Datasheet HTML 15Page - Analog Devices MAX97003 Datasheet HTML 16Page - Analog Devices MAX97003 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX97003
High-Efficiency, Low-Noise Audio Subsystem
I2C TIMING CHARACTERISTICS
(VDD = 1.8V, VPVDD = 4.2V, VGND = VPGND = 0V. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.)
(Note 1)
Note 1: 100% production tested at TA = +25NC. Specifications over temperature limits are guaranteed by design.
Note 2: Amplifier inputs are AC-coupled to GND.
Note 3: Class D amplifier testing performed with a resistive load in series with an inductor to simulate an actual speaker load.
Note 4: CB is in pF.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD,STA
0.6
F
s
SCL Pulse-Width Low
tLOW
1.3
F
s
SCL Pulse-Width High
tHIGH
0.6
F
s
Setup Time for a Repeated
START Condition
tSU,STA
0.6
F
s
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving Rise
Time
tR
(Note 4)
20 +
0.1CB
ns
SDA and SCL Receiving Fall
Time
tF
(Note 4)
20 +
0.1CB
300
ns
SDA Transmitting Fall Time
tF
(Note 4)
20 +
0.1CB
250
ns
Setup Time for STOP Condition
tSU,STO
0.6
F
s
Bus Capacitance
CB
400
pF
Pulse Width of Suppressed Spike
tSP
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com