Electronic Components Datasheet Search
  English  ▼

X  

118008 Datasheet(PDF) 1 Page - Wera Tools

Part # 118008
Description  2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

118008 Datasheet(HTML) 1 Page - Wera Tools

  118008 Datasheet HTML 1Page - Wera Tools 118008 Datasheet HTML 2Page - Wera Tools 118008 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
Series Kraftform Micro
EAN:
4013288031907
Size:
177x13x13 mm
Part number:
05118008001
Weight:
13 g
Article number:
2035 Micro
Country of origin:
CZ
Customs tariff
number:
82054000
Kraftform Micro screwdriver for slotted screws
Multi-component Kraftform Micro handle for fast and ergonomic screwdriving
Anti-roll feature and swivel cap for rapid twisting
The Wera Black Point tip offers an exact fit and optimum corrosion protection
E.g. for electricians, opticians, precision mechanics, jewellers or IT hardware fitters
High quality Wera Micro screwdriver for precision mechanical jobs. Rapid twisting results from fixing the hand on the head and using the fast-turning
zone just below. This makes time-consuming grip adjustments unnecessary. Power zones with integrated soft sections ensure the transfer of high
loosening and tightening torque; a precision zone for the right rotation angle during fine adjustment work. The Black Point tip offers optimised
corrosion protection and an exact fit.
Web link
http://products.wera.de/en/screwdrivers_series_kraftform_micro_2035_micro.html
Wera - 2035 Micro
05118008001 - 4013288031907
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 1 / 3


Similar Part No. - 118008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11800 ETC-11800 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11800 HEYCO-11800 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
logo
STEGO Elektrotechnik Gm...
11800.0-00 STEGO-11800.0-00 Datasheet
587Kb / 2P
FILTER FAN
20.03.2015
logo
CTS Corporation
1180026-XXX CTS-1180026-XXX Datasheet
145Kb / 4P
20.000 MHz OCXO Stratum 3E
logo
PHOENIX CONTACT
1180028 PHOENIX-1180028 Datasheet
483Kb / 9P
EV-T2G3C-1AC20A-4,0M2,5ESBK11 - AC charging cable
More results

Similar Description - 118008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
70011 ETC2-70011 Datasheet
146Kb / 1P
M3.5 x 12 taptite screws (Screws accept POZDRIV No. 2 screwdriver)
05117990001 ETC2-05117990001 Datasheet
10Mb / 1P
2035 Screwdriver for slotted screws
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
80 x 80 x 38 MM SERIES
logo
Total Power Internation...
MSGWI06 TOTAL-POWER-MSGWI06 Datasheet
459Kb / 4P
Ultra compact SMD Package 22.0 x 20.3 x 10.2 mm (0.87 x 0.80 x 0.40 inches)
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
PHOENIX CONTACT
ASD-BIT-0 PHOENIX-ASD-BIT-0 Datasheet
48Kb / 2P
Tool bits for slotted-head screws
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
List of Unclassifed Man...
05017005001 ETC-05017005001 Datasheet
487Kb / 3P
917 SPH Screwdriver for Phillips screws, PH 1 x 80 mm
23.03.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com