Electronic Components Datasheet Search
  English  ▼

X  

118008 Datasheet(PDF) 3 Page - Wera Tools

Part # 118008
Description  2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

118008 Datasheet(HTML) 3 Page - Wera Tools

  118008 Datasheet HTML 1Page - Wera Tools 118008 Datasheet HTML 2Page - Wera Tools 118008 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
Series Kraftform Micro
Further versions in this product family:
mm
mm
mm
mm
mm
inch
inch
05117990001
0.16
0.8
40
97
2.0
1/32
1 9/16
05117991001
0.18
1.0
40
97
2.0
0.04
1 9/16
05117992001
0.20
1.2
40
97
2.0
0.05
1 9/16
05118002001
0.23
1.5
40
97
2.0
1/16
1 9/16
05118003001
0.23
1.5
60
97
2.0
1/16
2 3/8
05118000001
0.25
1.2
40
97
2.0
0.05
1 9/16
05117993001
0.30
1.8
40
97
2.0
0.07
1 9/16
05118004001
0.30
1.8
60
97
2.0
0.07
2 3/8
05117997001
0.35
2.5
40
97
2.5
0.07
1 9/16
05118017001
0.30
2.0
50
97
2.0
0.07
2
05118005001
0.40
2.0
40
97
2.5
5/64
1 9/16
05118006001
0.40
2.0
60
97
2.5
5/64
2 3/8
05118007001
0.40
2.0
100
97
2.5
5/64
4
05117994001
0.40
2.5
50
97
2.5
3/32
2
05118008001
0.40
2.5
80
97
2.5
3/32
3 1/8
05117995001
0.50
3.0
50
97
3.0
1/8
2
05118010001
0.50
3.0
80
97
3.0
1/8
3 1/8
05118012001
0.60
3.5
80
97
4.0
9/64
3 1/8
05118014001
0.80
4.0
80
97
4.0
5/32
3 1/8
Web link
http://products.wera.de/en/screwdrivers_series_kraftform_micro_2035_micro.html
Wera - 2035 Micro
05118008001 - 4013288031907
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com