Electronic Components Datasheet Search
  English  ▼

X  

118008 Datasheet(PDF) 2 Page - Wera Tools

Part # 118008
Description  2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WERA [Wera Tools]
Direct Link  https://www-de.wera.de/en/
Logo WERA - Wera Tools

118008 Datasheet(HTML) 2 Page - Wera Tools

  118008 Datasheet HTML 1Page - Wera Tools 118008 Datasheet HTML 2Page - Wera Tools 118008 Datasheet HTML 3Page - Wera Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2035 Screwdriver for slotted screws for electronic applications, 0.40 x 2.5 x 80 mm
Series Kraftform Micro
Kraftform Micro Handle
The refined screwdriver for
electronics technicians
The precision zone
Screwdriving jobs in electrical and
precision engineering applications
are often tedious and time-
consuming. We learned from users
what is important for them:
working speeds, torque, precision
– and we then focused particularly
on these issues.
Multi-component
screwdriver
handle for ergonomic working.
The Kraftform Micro, with its three
zones
and
their
specific
arrangement,
satisfies
these
requirements perfectly. The free-
turning cap that provides support
for the hand works with these
advantages, enabling quick and
easy precision work.
The precision zone directly above
the blade gives the user a better
feel for the right rotation angle
during fine adjustment work.
The power zone
The fast-turning zone
Wera Black Point tip
Applications
The power zone has integrated
soft zones near the blade tip to
ensure high torque transfer for
loosening or tightening screws
without losing contact with the
screw.
The fast-turning zone just below
the rotating cap allows rapid
twisting.
The Wera Black Point tip and a
refined hardening process ensure
long service life of the tip,
improved corrosion protection and
an exact fit.
Indispensable for many users,
including electronics technicians,
opticians,
precision
engineers,
jewellers, EDP hardware fitters and
model-makers.
Web link
http://products.wera.de/en/screwdrivers_series_kraftform_micro_2035_micro.html
Wera - 2035 Micro
05118008001 - 4013288031907
Wera Werkzeuge GmbH
Korzerter Straße 21-25
D-42349 Wuppertal
Tel: +49 (0)2 02 / 40 45-0
E-Mail: info@wera.de
02.08.2018 - 2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com