Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 42 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 38Page - Silicon Laboratories C8051F360 Datasheet HTML 39Page - Silicon Laboratories C8051F360 Datasheet HTML 40Page - Silicon Laboratories C8051F360 Datasheet HTML 41Page - Silicon Laboratories C8051F360 Datasheet HTML 42Page - Silicon Laboratories C8051F360 Datasheet HTML 43Page - Silicon Laboratories C8051F360 Datasheet HTML 44Page - Silicon Laboratories C8051F360 Datasheet HTML 45Page - Silicon Laboratories C8051F360 Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
Rev. 1.1
42
Figure 4.4. LQFP-32 Package Diagram
Table 4.3. LQFP-32 Package Dimensions
Dimension
Min
Nom
Max
Dimension
Min
Nom
Max
A
—
—
1.60
E
9.00 BSC.
A1
0.05
—
0.15
E1
7.00 BSC.
A2
1.35
1.40
1.45
L
0.45
0.60
0.75
b
0.30
0.37
0.45
aaa
0.20
c
0.09
—
0.20
bbb
0.20
D
9.00 BSC.
ccc
0.10
D1
7.00 BSC.
ddd
0.20
e
0.80 BSC.
θ
0°
3.5°
7°
Notes:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing conforms to JEDEC outline MS-026, variation BBA.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020B specification for Small Body
Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com