Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 33 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 29Page - Silicon Laboratories C8051F360 Datasheet HTML 30Page - Silicon Laboratories C8051F360 Datasheet HTML 31Page - Silicon Laboratories C8051F360 Datasheet HTML 32Page - Silicon Laboratories C8051F360 Datasheet HTML 33Page - Silicon Laboratories C8051F360 Datasheet HTML 34Page - Silicon Laboratories C8051F360 Datasheet HTML 35Page - Silicon Laboratories C8051F360 Datasheet HTML 36Page - Silicon Laboratories C8051F360 Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
33
Rev. 1.1
3.
Global Electrical Characteristics
Table 3.1. Global Electrical Characteristics
–40 to +85 °C, 25 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Digital Supply Voltage
SYSCLK = 0 to 50 MHz
SYSCLK > 50 MHz
2.7
3.0
3.0
3.3
3.6
3.6
V
Digital Supply RAM Data
Retention Voltage
—1.5
—
V
SYSCLK (System Clock)1,2
C8051F360/1/2/3/4/5
C8051F366/7/8/9
0
0
—
—
100
50
MHz
MHz
Specified Operating
Temperature Range
–40
—
+85
°C
Digital Supply Current—CPU Active (Normal Mode, fetching instructions from Flash)
IDD
2
VDD = 3.6 V, F = 100 MHz
—
68
75
mA
VDD = 3.6 V, F = 25 MHz
—
21
25
mA
VDD = 3.0 V, F = 100 MHz
—
54
60
mA
VDD = 3.0 V, F = 25 MHz
—
16
18
mA
VDD = 3.0 V, F = 1 MHz
—
0.48
—
mA
VDD = 3.0 V, F = 80 kHz
—
36
—
µA
IDD Supply Sensitivity
3
F = 25 MHz
—
56
—
%/V
F = 1 MHz
—
57
—
%/V
IDD Frequency Sensitivity
3,4
VDD = 3.0 V, F <= 20 MHz, T = 25 °C
—
0.45
—
mA/MHz
VDD = 3.0 V, F > 20 MHz, T = 25 °C
—
0.38
—
mA/MHz
VDD = 3.6 V, F <= 20 MHz, T = 25 °C
—
0.61
—
mA/MHz
VDD = 3.6 V, F > 20 MHz, T = 25 °C
—
0.51
—
mA/MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com