Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 79 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 79 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 75Page - Silicon Laboratories C8051F360 Datasheet HTML 76Page - Silicon Laboratories C8051F360 Datasheet HTML 77Page - Silicon Laboratories C8051F360 Datasheet HTML 78Page - Silicon Laboratories C8051F360 Datasheet HTML 79Page - Silicon Laboratories C8051F360 Datasheet HTML 80Page - Silicon Laboratories C8051F360 Datasheet HTML 81Page - Silicon Laboratories C8051F360 Datasheet HTML 82Page - Silicon Laboratories C8051F360 Datasheet HTML 83Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 289 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
79
Rev. 1.1
Table 8.1. Comparator Electrical Characteristics
VDD = 3.0 V, –40 to +85 °C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm* = 1.5 V
CPx+ – CPx– = 100 mV
—
100
—
ns
CPx+ – CPx– = –100 mV
—
250
—
ns
Response Time:
Mode 1, Vcm* = 1.5 V
CPx+ – CPx– = 100 mV
—
175
—
ns
CPx+ – CPx– = –100 mV
—
500
—
ns
Response Time:
Mode 2, Vcm* = 1.5 V
CPx+ – CPx– = 100 mV
—
320
—
ns
CPx+ – CPx– = –100 mV
—
1100
—
ns
Response Time:
Mode 3, Vcm* = 1.5 V
CPx+ – CPx– = 100 mV
—
1050
—
ns
CPx+ – CPx– = –100 mV
—
5200
—
ns
Common-Mode Rejection Ratio
—
1.26
5
mV/V
Positive Hysteresis 1
CPxHYP1–0 = 00
—
0
1
mV
Positive Hysteresis 2
CPxHYP1–0 = 01
1
5
10
mV
Positive Hysteresis 3
CPxHYP1–0 = 10
6
10
20
mV
Positive Hysteresis 4
CPxHYP1–0 = 11
12
20
30
mV
Negative Hysteresis 1
CPxHYN1–0 = 00
—
0
1
mV
Negative Hysteresis 2
CPxHYN1–0 = 01
1
5
10
mV
Negative Hysteresis 3
CPxHYN1–0 = 10
6
10
20
mV
Negative Hysteresis 4
CPxHYN1–0 = 11
12
20
30
mV
Inverting or Non-Inverting Input
Voltage Range
–0.25
—
VDD + 0.25
V
Input Capacitance
—
4
—
pF
Input Bias Current
—
0.001
—
nA
Input Offset Voltage
–5
—
+5
mV
Power Supply
Power Supply Rejection
—
0.3
—
mV/V
Power-up Time
—
10
—
µs
Supply Current at DC
Mode 0
—
11.4
20
µA
Mode 1
—
4.6
10
µA
Mode 2
—
1.9
5
µA
Mode 3
—
0.4
2.5
µA
*Note: Vcm is the common-mode voltage on CPx+ and CPx–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com